Electronic Components Datasheet Search
  English  ▼

X  

LM140 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM140
Description  LM140K 3-Terminal Positive Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM140 Datasheet(HTML) 3 Page - Texas Instruments

  LM140 Datasheet HTML 1Page - Texas Instruments LM140 Datasheet HTML 2Page - Texas Instruments LM140 Datasheet HTML 3Page - Texas Instruments LM140 Datasheet HTML 4Page - Texas Instruments LM140 Datasheet HTML 5Page - Texas Instruments LM140 Datasheet HTML 6Page - Texas Instruments LM140 Datasheet HTML 7Page - Texas Instruments LM140 Datasheet HTML 8Page - Texas Instruments LM140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM140K
www.ti.com
SNVS994 – JULY 2013
LM140 Electrical Characteristics
55°C
≤ TJ ≤ + 150°C unless otherwise specified
(1)
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VO
Output
TJ = 25°C, 5 mA ≤ IO ≤ 1A
4.9
5
5.1
11.75
12
12.25
14.7
15
15.3
V
Voltage
PD ≤ 15W, 5 mA ≤ IO ≤ 1A
4.8
5.2
11.5
12.5
14.4
15.6
V
VMIN ≤ VIN ≤ VMAX
(7.5
≤ VIN ≤ 20)
(14.8
≤ VIN ≤ 27)
(17.9
≤ VIN ≤ 30)
V
ΔVO
Line
IO = 500 mA
10
18
22
mV
Regulation
TJ = 25°C, ΔVIN, −55°C ≤ TJ
(7.5
≤ VIN ≤ 20)
(14.8
≤ VIN ≤ 27)
(17.9
≤ VIN ≤ 30)
V
≤ +150°C
TJ = 25°C
3
10
4
18
4
22
mV
ΔVIN, −55°C ≤ TJ ≤ +150°C
(7.5
≤ VIN ≤ 20)
(14.5
≤ VIN ≤ 27)
(17.5
≤ VIN ≤ 30)
V
TJ = 25°C
4
9
10
mV
Over Temperature
12
30
30
mV
ΔVIN
(8
≤ VIN ≤ 12)
(16
≤ VIN ≤ 22)
(20
≤ VIN ≤ 26)
V
ΔVO
Load
TJ =
5 mA
≤ IO ≤ 1.5A
10
25
12
32
12
35
mV
Regulation
25°C
250 mA
≤ IO ≤
15
19
21
mV
750 mA
Over Temperature,
25
60
75
mV
5 mA
≤ IO ≤ 1A
IQ
Quiescent
TJ = 25°C
6
6
6
mA
Current
Over Temperature
6.5
6.5
6.5
mA
ΔIQ
Quiescent
5 mA
≤ IO ≤ 1A
0.5
0.5
0.5
mA
Current
TJ = 25°C, IO = 1A
0.8
0.8
0.8
mA
Change
VMIN ≤ VIN ≤ VMAX
(7.5
≤ VIN ≤ 20)
(14.8
≤ VIN ≤ 27)
(17.9
≤ VIN ≤ 30)
V
IO = 500 mA
0.8
0.8
0.8
mA
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 25)
(15
≤ VIN ≤ 30)
(17.9
≤ VIN ≤ 30)
V
VN
Output Noise
TA = 25°C, 10 Hz ≤ f ≤ 100
40
75
90
μV
Voltage
kHz
Ripple
TJ = 25°C, f = 120 Hz, IO =
68
80
61
72
60
70
dB
Rejection
1A
or f = 120 Hz, IO = 500 mA,
68
61
60
dB
Over Temperature,
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 18)
(15
≤ VIN ≤ 25)
(18.5
≤ VIN ≤ 28.5)
V
RO
Dropout
TJ = 25°C, IO = 1A
2.0
2.0
2.0
V
Voltage
Output
f = 1 kHz
8
18
19
m
Ω
Resistance
Short-Circuit
TJ = 25°C
2.1
1.5
1.2
A
Current
Peak Output
TJ = 25°C
2.4
2.4
2.4
A
Current
Average TC
Min, TJ = 0°C, IO = 5 mA
−0.6
−1.5
−1.8
mV/°C
of VO
VIN
Input Voltage
TJ = 25°C
Required to
7.5
14.5
17.5
V
Maintain Line
Regulation
(1)
All characteristics are measured with a 0.22
μF capacitor from input to ground and a 0.1 μF capacitor from output to ground. All
characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%).
Output voltage changes due to changes in internal temperature must be taken into account separately.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM140K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com