Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM73
Description  LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM73 Datasheet HTML 12Page - Texas Instruments LM73 Datasheet HTML 13Page - Texas Instruments LM73 Datasheet HTML 14Page - Texas Instruments LM73 Datasheet HTML 15Page - Texas Instruments LM73 Datasheet HTML 16Page - Texas Instruments LM73 Datasheet HTML 17Page - Texas Instruments LM73 Datasheet HTML 18Page - Texas Instruments LM73 Datasheet HTML 19Page - Texas Instruments LM73 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Control/Status
(Read-Write)
Pointer = 00000100
Identification
(Read-Only)
Pointer = 00000111
Pointer Register
(selects register
for communication)
Interface
Data
Address
SMBDAT
SMBCLK
THIGH
(Read-Write)
Pointer = 00000010
TLOW
(Read-Write)
Pointer = 00000011
Temperature
(Read-Only)
Pointer = 00000000
Configuration
(Read-Write)
Pointer = 00000001
LM73
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
www.ti.com
Device Functional Modes (continued)
The LM73 will always finish a temperature conversion and update the temperature registers before shutting
down.
Writing a “0” to the Full Power Down Bit restores the LM73 to normal mode. The user should wait at least the
specified maximum conversion time, at the existing resolution setting, before accurate data appears in the
temperature register.
7.5 Register Map
7.5.1 LM73 Registers
The LM73's internal registers are selected by the Pointer register. The Pointer register latches the last location
that it was set to. The pointer register and all internal registers are described below. All registers reset at device
power up.
7.5.1.1 Pointer Register
The diagram below shows the Pointer Register, the six internal registers to which it points, and their associated
pointer addresses.
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
Register Select
16
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com