Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM73
Description  LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 1 Page - Texas Instruments

  LM73 Datasheet HTML 1Page - Texas Instruments LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM73
SMBDAT
SMBCLK
ADDR
1
5
6
4
VDD = 2.7V to 5.5V
Typical bypass 0.1 PF
3
2
To hardware
shutdown
To / from processor
2-wire interface
Address (set as desired for one
of three addresses)
ALERT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM73
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
1 Features
3 Description
The LM73 is an integrated, digital-output temperature
1
•
Single Address Pin Offers Choice of Three
sensor featuring an incremental Delta-Sigma ADC
Selectable Addresses Per Version for a Total of
with a two-wire interface that is compatible with the
Six Possible Addresses.
SMBus and I2C interfaces. The host can query the
•
SMBus and I2C-compatible Two-Wire Interface
LM73 at any time to read temperature.
•
Supports 400-Khz Operation
Available in a 6-pin SOT package, the LM73 occupies
•
Shutdown Mode With One-shot Feature Available
very little board area while operating over a wide
for Very Low Average Power Consumption
temperature range (–40°C to 150°C) and providing
±1°C accuracy from –10°C to 80°C. The user can
•
Programmable Digital Temperature Resolution
optimize between the conversion time and the
From 11 Bits to 14 Bits
sensitivity of the LM73 by programming it to report
•
Fast Conversion Rate Ideal for Quick Power Up
temperature in any of four different resolutions.
and Measuring Rapidly Changing Temperature
Defaulting to 11-bit mode (0.25°C/LSB), the LM73
•
Open-Drain ALERT Output Pin Goes Active When
measures temperature in a maximum time of 14 ms,
making
it
ideal
for
applications
that
require
Temperature is Above a Programmed
temperature data very soon after power-up. In its
Temperature Limit
maximum resolution, 14-bit mode (0.03125°C/LSB),
•
Very Stable, Low-noise Digital Output
the LM73 is optimized to sense very small changes in
•
UL Recognized Component
temperature.
•
Key Specifications
A single multi-level address line selects one of three
–
Supply Current
unique device addresses. An open-drain ALERT
output goes active when the temperature exceeds a
–
Operating
programmable limit. Both the data and clock lines are
–
320 µA (Typical)
filtered for excellent noise tolerance and reliable
–
495 µA (Maximum)
communication. Additionally, a time-out feature on the
–
Shutdown
clock
and
data
lines
causes
the
LM73
to
automatically reset these lines if either is held low for
–
8 µA (Maximum)
an extended time, thus exiting any bus lock-up
–
1.9 µA (Typical)
condition without processor intervention.
–
Temperature Accuracy
Device Information(1)
–
−10°C to 80°C: ±1.0°C (Maximum)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
−25°C to 115°C: ±1.5°C (Maximum)
LM73
SOT (6)
2.90 mm × 1.60 mm
–
−40°C to 150°C: ±2°C (Maximum)
(1) For all available packages, see the orderable addendum at
–
Resolution
the end of the datasheet.
–
0.25°C to 0.03125°C
Typical Application
–
Conversion Time
–
11-Bit (0.25°C): 14 ms (Maximum)
–
14-Bit (0.03125°C): 112 ms (Maximum)
2 Applications
•
Portable Electronics
•
Notebook Computers
•
Automotive
•
System Thermal Management
•
Office Electronics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM73

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM73 NSC-LM73 Datasheet
731Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 NSC-LM73 Datasheet
733Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73 TI1-LM73 Datasheet
1Mb / 26P
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 TI-LM73 Datasheet
1Mb / 30P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73 TI2-LM73 Datasheet
796Kb / 31P
LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
REVISED OCTOBER 2015
More results

Similar Description - LM73

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
National Semiconductor ...
LM73 NSC-LM73 Datasheet
731Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 NSC-LM73_06 Datasheet
733Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Analog Devices
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
logo
Texas Instruments
LM73CIMK-0 TI1-LM73CIMK-0 Datasheet
1Mb / 26P
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Analog Devices
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
logo
Texas Instruments
LM73 TI-LM73_15 Datasheet
1Mb / 30P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com