Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM73
Description  LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments LM73 Datasheet HTML 10Page - Texas Instruments LM73 Datasheet HTML 11Page - Texas Instruments LM73 Datasheet HTML 12Page - Texas Instruments LM73 Datasheet HTML 13Page - Texas Instruments LM73 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM73
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
•
Temperature Register
•
Configuration Register
•
THIGH Register
•
TLOW Register
•
Control/Status Register
•
Identification Register
7.3.1 Power-On Reset
The power-on reset (POR) state is the point at which the supply voltage rises above the power-on reset
threshold (specified in the Electrical Characteristics), generating an internal reset. Each of the registers contains
a defined value upon POR and this data remains there until any of the following occurs:
•
The first temperature conversion is completed, causing the Temperature Register and various status bits to
be updated internally, depending on the value of the measured temperature.
•
The master writes different data to any Read/Write (R/W) bits, or
•
The LM73 is powered down.
7.3.2 One-Shot Conversion
The LM73 features a one-shot conversion bit, which is used to initiate a single conversion and comparison cycle
when the LM73 is in shutdown mode. While the LM73 is in shutdown mode, writing a 1 to the One-Shot bit in the
Configuration Register will cause the LM73 to perform a single temperature conversion and update the
Temperature Register and the affected status bits. Operating the LM73 in this one-shot mode allows for
extremely low average-power consumption, making it ideal for low-power applications.
When the One-Shot bit is set, the LM73 initiates a temperature conversion. After this initiation, but before the
completion of the conversion and resultant register updates, the LM73 is in a "one-shot" state. During this state,
the Data Available (DAV) flag in the Control/Status register is 0 and the Temperature Register contains the value
8000h (-256°C). All other registers contain the data that was present before initiating the one-shot conversion.
After the temperature measurement is complete, the DAV flag will be set to 1 and the temperature register will
contain the resultant measured temperature.
7.3.3 Temperature Data Format
The resolution of the temperature data and the size of the data word are user-selectable through bits RES1 and
RES0 in the Control/Status Register. By default, the LM73 temperature stores the measured temperature in an
11-bit (10 bits plus sign) word with one least significant bit (LSB) equal to 0.25°C. The maximum word size is 14
bits (13-bits plus sign) with a resolution of 0.03125 °C/LSB.
CONTROL BIT
DATA FORMAT
RES1
RES0
WORD SIZE
RESOLUTION
0
0
11 bits
0.25 °C/LSB
0
1
12 bits
0.125 °C/LSB
1
0
13 bits
0.0625 °C/LSB
1
1
14 bits
0.03125 °C/LSB
The temperature data is reported in 2's complement format. The word is stored in the 16-bit Temperature
Register and is left justified in this register. Unused temperature-data bits are always reported as 0.
Table 1. 11-Bit (10-Bit Plus Sign)
DIGITAL OUTPUT
TEMPERATURE
BINARY
HEX
150°C
0100 1011 0000 0000
4B00h
25°C
0000 1100 1000 0000
0C80h
1°C
0000 0000 1000 0000
0080h
0.25°C
0000 0000 0010 0000
0020h
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com