| Electronic Components Datasheet Search |
|
LM73 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM73 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 31 page ![]() LM73 SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015 www.ti.com 6.6 Logic Electrical Characteristics- Digital DC Characteristics Unless otherwise noted, these specifications apply for VDD = 2.7 V to 5.5 V. All limits TA = TJ = 25°C, unless otherwise noted. TA is the ambient temperature. TJ is the junction temperature. PARAMETER TEST CONDITIONS MIN TYP(1) MAX(2) UNIT SMBDAT, SMBCLK INPUTS Logical 1 Input VIH TA = TJ =TMIN to TMAX 0.7 × VDD V Voltage Logical 0 Input VIL TA = TJ =TMIN to TMAX 0.3 × VDD V Voltage SMBDAT and VIN;HYST SMBCLK Digital 0.07 × VDD V Input Hysteresis 0.01 Logical 1 Input IIH VIN = VDD µA Current TA = TJ =TMIN to TMAX 2 –0.01 Logical 0 Input IIL VIN = 0 V µA Current TA = TJ =TMIN to TMAX –2 CIN Input Capacitance 5 pF SMBDAT, ALERT OUTPUTS 0.01 High Level Output IOH VOH = VDD µA Current TA = TJ =TMIN to TMAX 2 SMBus Low Level TA = TJ =TMIN to TMAX VOL IOL = 3 mA 0.4 V Output Voltage ADDRESS INPUT VIH;ADD Address Pin High TA = TJ =TMIN to TMAX VDD – 0.100 V RESS Input Voltage VIL;ADDR Address Pin Low TA = TJ =TMIN to TMAX 0.100 V ESS Input Voltage 0.01 IIH; Address Pin High VIN = VDD µA ADDRESS Input Current TA = TJ =TMIN to TMAX 2 –0.01 IIL;ADDR Address Pin Low VIN = 0 V µA ESS Input Current TA = TJ =TMIN to TMAX –2 (1) Typicals are at TA = 25°C and represent most likely parametric norm. (2) Limits are specified to AOQL (Average Outgoing Quality Level). 6 Submit Documentation Feedback Copyright © 2005–2015, Texas Instruments Incorporated Product Folder Links: LM73 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |