Electronic Components Datasheet Search
  English  ▼

X  

LPC2387 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC2387
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC2387 Datasheet HTML 39Page - NXP Semiconductors LPC2387 Datasheet HTML 40Page - NXP Semiconductors LPC2387 Datasheet HTML 41Page - NXP Semiconductors LPC2387 Datasheet HTML 42Page - NXP Semiconductors LPC2387 Datasheet HTML 43Page - NXP Semiconductors LPC2387 Datasheet HTML 44Page - NXP Semiconductors LPC2387 Datasheet HTML 45Page - NXP Semiconductors LPC2387 Datasheet HTML 46Page - NXP Semiconductors LPC2387 Datasheet HTML 47Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
LPC2387_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 1 February 2008
45 of 47
NXP Semiconductors
LPC2387
Fast communication chip
14. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC2387_2
20080201
Product data sheet
-
LPC2387_1
Modifications:
• Table 3: Pin description for RSTOUT changed from “This is a 1.8 V pin.” to “This is a 3.3 V
pin.”
LPC2387_1
20080114
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com