Electronic Components Datasheet Search
  English  ▼

X  

LPC2387 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2387
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2387 Datasheet HTML 7Page - NXP Semiconductors LPC2387 Datasheet HTML 8Page - NXP Semiconductors LPC2387 Datasheet HTML 9Page - NXP Semiconductors LPC2387 Datasheet HTML 10Page - NXP Semiconductors LPC2387 Datasheet HTML 11Page - NXP Semiconductors LPC2387 Datasheet HTML 12Page - NXP Semiconductors LPC2387 Datasheet HTML 13Page - NXP Semiconductors LPC2387 Datasheet HTML 14Page - NXP Semiconductors LPC2387 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
LPC2387_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 1 February 2008
11 of 47
NXP Semiconductors
LPC2387
Fast communication chip
P2[10]/EINT0
53[6]
I/O
P2[10] — General purpose digital input/output pin.
Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take over
control of the part after a reset.
I
EINT0 — External interrupt 0 input.
P2[11]/EINT1/
MCIDAT1/
I2STX_CLK
52[6]
I/O
P2[11] — General purpose digital input/output pin.
I
EINT1 — External interrupt 1 input.
O
MCIDAT1 — Data line for SD/MMC interface.
I/O
I2STX_CLK — Transmit Clock. It is driven by the master and received by the slave.
Corresponds to the signal SCK in the
I2S-bus specification.
P2[12]/EINT2/
MCIDAT2/
I2STX_WS
51[6]
I/O
P2[12] — General purpose digital input/output pin.
I
EINT2 — External interrupt 2 input.
O
MCIDAT2 — Data line for SD/MMC interface.
I/O
I2STX_WS — Transmit Word Select. It is driven by the master and received by the
slave. Corresponds to the signal WS in the
I2S-bus specification.
P2[13]/EINT3/
MCIDAT3/
I2STX_SDA
50[6]
I/O
P2[13] — General purpose digital input/output pin.
I
EINT3 — External interrupt 3 input.
O
MCIDAT3 — Data line for SD/MMC interface.
I/O
I2STX_SDA — Transmit data. It is driven by the transmitter and read by the
receiver. Corresponds to the signal SD in the
I2S-bus specification.
P3[0] to P3[31]
I/O
Port 3: Port 3 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 3 pins depends upon the pin function selected via the Pin Connect
block. Pins 0 through 24, and 27 through 31 of this port are not available.
P3[25]/MAT0[0]/
PWM1[2]
27[1]
I/O
P3[25] — General purpose digital input/output pin.
O
MAT0[0] — Match output for Timer 0, channel 0.
O
PWM1[2] — Pulse Width Modulator 1, output 2.
P3[26]/MAT0[1]/
PWM1[3]
26[1]
I/O
P3[26] — General purpose digital input/output pin.
O
MAT0[1] — Match output for Timer 0, channel 1.
O
PWM1[3] — Pulse Width Modulator 1, output 3.
P4[0] to P4[31]
I/O
Port 4: Port 4 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 4 pins depends upon the pin function selected via the Pin Connect
block. Pins 0 through 27, 30, and 31 of this port are not available.
P4[28]/MAT2[0]/
TXD3
82[1]
I/O
P4[28] — General purpose digital input/output pin.
O
MAT2[0] — Match output for Timer 2, channel 0.
O
TXD3 — Transmitter output for UART3.
P4[29]/MAT2[1]/
RXD3
85[1]
I/O
P4[29] — General purpose digital input/output pin.
O
MAT2[1] — Match output for Timer 2, channel 1.
I
RXD3 — Receiver input for UART3.
TDO
1[1]
O
TDO — Test Data Out for JTAG interface.
TDI
2[1]
I
TDI — Test Data In for JTAG interface.
TMS
3[1]
I
TMS — Test Mode Select for JTAG interface.
TRST
4[1]
I
TRST — Test Reset for JTAG interface.
TCK
5[1]
I
TCK — Test Clock for JTAG interface. This clock must be slower than 1
⁄
6 of the CPU
clock (CCLK) for the JTAG interface to operate.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com