Electronic Components Datasheet Search
  English  ▼

X  

LPC2387 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC2387
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC2387 Datasheet HTML 10Page - NXP Semiconductors LPC2387 Datasheet HTML 11Page - NXP Semiconductors LPC2387 Datasheet HTML 12Page - NXP Semiconductors LPC2387 Datasheet HTML 13Page - NXP Semiconductors LPC2387 Datasheet HTML 14Page - NXP Semiconductors LPC2387 Datasheet HTML 15Page - NXP Semiconductors LPC2387 Datasheet HTML 16Page - NXP Semiconductors LPC2387 Datasheet HTML 17Page - NXP Semiconductors LPC2387 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
LPC2387_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 1 February 2008
14 of 47
NXP Semiconductors
LPC2387
Fast communication chip
The Thumb set’s 16-bit instruction length allows it to approach twice the density of
standard ARM code while retaining most of the ARM’s performance advantage over a
traditional 16-bit processor using 16-bit registers. This is possible because Thumb code
operates on the same 32-bit register set as ARM code.
Thumb code is able to provide up to 65 % of the code size of ARM, and 160 % of the
performance of an equivalent ARM processor connected to a 16-bit memory system.
7.2 On-chip flash programming memory
The LPC2387 incorporates a 512 kB flash memory system respectively. This memory
may be used for both code and data storage. Programming of the flash memory may be
accomplished in several ways. It may be programmed In System via the serial port
(UART0). The application program may also erase and/or program the flash while the
application is running, allowing a great degree of flexibility for data storage field and
firmware upgrades.
The flash memory is 128 bits wide and includes pre-fetching and buffering techniques to
allow it to operate at SRAM speeds of 72 MHz.
The LPC2387 provides a minimum of 100000 write/erase cycles and 20 years of data
retention.
7.3 On-chip SRAM
The LPC2387 includes a SRAM memory of 64 kB reserved for the ARM processor
exclusive use. This RAM may be used for code and/or data storage and may be accessed
as 8 bits, 16 bits, and 32 bits.
A 16 kB SRAM block serving as a buffer for the Ethernet controller and an 16 kB SRAM
associated with the USB device can be used both for data and code storage, too. The
2 kB RTC SRAM can be used for data storage only. The RTC SRAM is battery powered
and retains the content in the absence of the main power supply.
7.4 Memory map
The LPC2387 memory map incorporates several distinct regions as shown in Figure 3.
In addition, the CPU interrupt vectors may be remapped to allow them to reside in either
flash memory (default), boot ROM, or SRAM (see Section 7.25.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com