Electronic Components Datasheet Search
  English  ▼

X  

TDA7388 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7388
Description  4 x 45 W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7388 Datasheet HTML 3Page - STMicroelectronics TDA7388 Datasheet HTML 4Page - STMicroelectronics TDA7388 Datasheet HTML 5Page - STMicroelectronics TDA7388 Datasheet HTML 6Page - STMicroelectronics TDA7388 Datasheet HTML 7Page - STMicroelectronics TDA7388 Datasheet HTML 8Page - STMicroelectronics TDA7388 Datasheet HTML 9Page - STMicroelectronics TDA7388 Datasheet HTML 10Page - STMicroelectronics TDA7388 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID14256 Rev 6
7/13
TDA7388
Electrical specifications
2.3
Electrical characteristics
VS = 14.4 V; f = 1 kHz; Rg = 600 ; RL = 4 ; Tamb = 25 °C; Refer to the test and application
diagram (Figure 2), unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Iq1
Quiescent current
RL =
120
190
350
mA
VOS
Output offset voltage
Play mode
-
-
±100
mV
dVOS
During mute ON/OFF output
offset voltage
ITU R-ARM weighted
see Figure 12
-80
-
+80
mV
Gv
Voltage gain
-
25
26
27
dB
Po
Output power
THD = 10 %; VS = 14.4 V
22
26
-
W
Po max
Max.output power(1)
VS = 14.4 V
37
41
-
W
VS = 15.2 V
-
45
-
THD
Distortion
Po = 4 W
-
0.04
0.15
%
eNo
Output noise
"A" Weighted
-
50
70
µV
Bw = 20 Hz to 20 kHz
-
70
100
µV
SVR
Supply voltage rejection
f = 100 Hz; Vr = 1 Vrms
50
65
-
dB
fch
High cut-off frequency
Po = 0.5 W
100
200
-
kHz
Ri
Input Impedance
-
70
100
-
k
CT
Cross talk
f = 1 kHz; Po = 4 W
60
70
-
dB
f = 10 kHz; Po = 4 W
-
60
-
dB
ISB
Standby current
consumption
VSt-by = 0V
-
-
20
µA
VSB out
Standby OUT threshold
voltage
(Amp: ON)
3.5
-
-
V
VSB IN
Standby IN threshold voltage (Amp: OFF)
-
-
1.5
V
AM
Mute attenuation
POref = 4 W
80
90
-
dB
VM out
Mute OUT threshold voltage (Amp: play)
3.5
-
-
V
VM in
Mute IN threshold voltage
(Amp: mute)
-
-
1.5
V
VAM in
VS automute threshold
(Amp: mute); Att.
 80 dB;
POref = 4 W
(Amp: play); Att. < 0.1 dB;
PO = 0.5 W
-
7.6
6.5
8.5
V
Ipin22
Muting pin current
VMUTE = 1.2 V (Source current)
5
11
20
µA
1. Saturated square wave output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com