Electronic Components Datasheet Search
  English  ▼

X  

TDA7388 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7388
Description  4 x 45 W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7388 Datasheet HTML 1Page - STMicroelectronics TDA7388 Datasheet HTML 2Page - STMicroelectronics TDA7388 Datasheet HTML 3Page - STMicroelectronics TDA7388 Datasheet HTML 4Page - STMicroelectronics TDA7388 Datasheet HTML 5Page - STMicroelectronics TDA7388 Datasheet HTML 6Page - STMicroelectronics TDA7388 Datasheet HTML 7Page - STMicroelectronics TDA7388 Datasheet HTML 8Page - STMicroelectronics TDA7388 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
List of figures
TDA7388
4/13
DocID14256 Rev 6
List of figures
Figure 1.
Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Standard test and application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Quiescent current vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Output power vs. supply voltage (4 Ohm) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Distortion vs. output power (4 Ohm) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Distortion vs. frequency (4 Ohm) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 7.
Supply voltage rejection vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 8.
Crosstalk vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 9.
Output noise vs. source resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 10.
Total power disipation & efficiency (4 Ohm, sine). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 11.
Power dissipation vs. average output power (4 Ohm, audio program simulation) . . . . . . . . 9
Figure 12.
ITU R-ARM frequency response, weighting filter for transient pop. . . . . . . . . . . . . . . . . . . . 9
Figure 13.
Flexiwatt25 mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com