Electronic Components Datasheet Search
  English  ▼

X  

TDA7388 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7388
Description  4 x 45 W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7388 Datasheet HTML 5Page - STMicroelectronics TDA7388 Datasheet HTML 6Page - STMicroelectronics TDA7388 Datasheet HTML 7Page - STMicroelectronics TDA7388 Datasheet HTML 8Page - STMicroelectronics TDA7388 Datasheet HTML 9Page - STMicroelectronics TDA7388 Datasheet HTML 10Page - STMicroelectronics TDA7388 Datasheet HTML 11Page - STMicroelectronics TDA7388 Datasheet HTML 12Page - STMicroelectronics TDA7388 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application hints
TDA7388
10/13
DocID14256 Rev 6
3
Application hints
Ref. to the circuit of Figure 2.
3.1
SVR
Besides its contribution to the ripple rejection, the SVR capacitor governs the turn ON/OFF
time sequence and, consequently, plays an essential role in the pop optimization during
ON/OFF transients.
To conveniently serve both needs, its minimum recommended value is 10 µF.
3.2
Input stage
The TDA7388’s inputs are ground-compatible and can stand very high input signals
(±8 Vpk) without any performances degradation.
If the standard value for the input capacitors (0.1 µF) is adopted, the low frequency cut-off
amounts to 16 Hz.
3.3
Standby and muting
If standby and muting are not used, a straight connection to VS of their respective pins
would be admissible.
Conventional/low-power transistors can be employed to drive muting and standby pins in
absence of true CMOS ports or microprocessors. R-C cells have always to be used in order
to smooth down the transitions for preventing any audible transient noises.
Since a DC current of about 10 µA normally flows out of pin 22, the maximum allowable
muting-series resistance (R2) is 70 k, which is sufficiently high to permit a muting capacitor
reasonably small (about 1 µF).
If R2 is higher than recommended, the involved risk is that the voltage at pin 22 may rises to
above the 1.5 V threshold voltage and the device consequently fails to turn OFF when the
mute line is brought down.
About the stand-by, the time constant to be assigned in order to obtain a virtually pop-free
transition has to be slower than 2.5 V/ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com