Electronic Components Datasheet Search
  English  ▼

X  

TDA7388 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7388
Description  4 x 45 W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7388 Datasheet HTML 1Page - STMicroelectronics TDA7388 Datasheet HTML 2Page - STMicroelectronics TDA7388 Datasheet HTML 3Page - STMicroelectronics TDA7388 Datasheet HTML 4Page - STMicroelectronics TDA7388 Datasheet HTML 5Page - STMicroelectronics TDA7388 Datasheet HTML 6Page - STMicroelectronics TDA7388 Datasheet HTML 7Page - STMicroelectronics TDA7388 Datasheet HTML 8Page - STMicroelectronics TDA7388 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
September 2013
DocID14256 Rev 6
1/13
1
TDA7388
4 x 45 W quad bridge car radio amplifier
Datasheet
- production data
Features
 High output power capability:
– 4 x 45 W / 4
 max.
– 4 x 26 W / 4
 @ 14.4 V, 1 kHz, 10 %
 Low distortion
 Low output noise
 Standby function
 Mute function
 Automute at min. supply voltage detection
 Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
Protections:
 Output short circuit to gnd, to VS, across the
load
 Very inductive loads
 Overrating chip temperature with soft thermal
limiter
 Load dump voltage
 Fortuitous open GND
 Reversed battery
 ESD
Description
The TDA7388 is an AB class audio power
amplifier, packaged in Flexiwatt 25 and designed
for high end car radio applications.
Based on a fully complementary PNP/NPN
configuration, the TDA7388 allows a rail to rail
output voltage swing with no need of bootstrap
capacitors. The extremely reduced boundary
components count allows very compact sets.
Flexiwatt25
Table 1. Device summary
Order code
Package
Packing
TDA7388
Flexiwatt25
Tube
www.st.com


Similar Part No. - TDA7388

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
Jul-2005
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
538Kb / 13P
4 x 42 W quad bridge car radio amplifier
17-Sep-2013
More results

Similar Description - TDA7388

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com