Electronic Components Datasheet Search
  English  ▼

X  

LM46000PWPR Datasheet(PDF) 31 Page - Texas Instruments

Part # LM46000PWPR
Description  LM46000 3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46000PWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM46000PWPR Datasheet HTML 27Page - Texas Instruments LM46000PWPR Datasheet HTML 28Page - Texas Instruments LM46000PWPR Datasheet HTML 29Page - Texas Instruments LM46000PWPR Datasheet HTML 30Page - Texas Instruments LM46000PWPR Datasheet HTML 31Page - Texas Instruments LM46000PWPR Datasheet HTML 32Page - Texas Instruments LM46000PWPR Datasheet HTML 33Page - Texas Instruments LM46000PWPR Datasheet HTML 34Page - Texas Instruments LM46000PWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
31
LM46000
www.ti.com
SNVSA45B – JUNE 2014 – REVISED MARCH 2018
Product Folder Links: LM46000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
A general guideline for COUT range is that COUT should be larger than the minimum required output capacitance
calculated by Equation 19, and smaller than 10 times the minimum required output capacitance or 1 mF. In
applications with VOUT less than 3.3 V, it is critical that low ESR output capacitors are selected. This limits
potential output voltage overshoots as the input voltage falls below the device normal operating range. To
optimize the transient behavior a feed-forward capacitor could be added in parallel with the upper feedback
resistor. For this design example, two 47-µF,10-V, X7R ceramic capacitors are used in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com