Electronic Components Datasheet Search
  English  ▼

X  

LM46000PWPR Datasheet(PDF) 11 Page - Texas Instruments

Part # LM46000PWPR
Description  LM46000 3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46000PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM46000PWPR Datasheet HTML 7Page - Texas Instruments LM46000PWPR Datasheet HTML 8Page - Texas Instruments LM46000PWPR Datasheet HTML 9Page - Texas Instruments LM46000PWPR Datasheet HTML 10Page - Texas Instruments LM46000PWPR Datasheet HTML 11Page - Texas Instruments LM46000PWPR Datasheet HTML 12Page - Texas Instruments LM46000PWPR Datasheet HTML 13Page - Texas Instruments LM46000PWPR Datasheet HTML 14Page - Texas Instruments LM46000PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Quasi Peak Limit
Average Limit
Frequency (MHz)
dBuV
100
90
80
70
60
50
40
30
20
10
0.15
1
10
30
Measured Peak Emissions
Quasi Peak Limit
Average Limit
Frequency (MHz)
dBuV
100
90
80
70
60
50
40
30
20
10
0.15
1
10
30
Measured Peak Emissions
EN 55022 Class B Limit
Frequency (MHz)
dBuV
80
70
60
50
40
30
20
10
30
Evaluation Board Emissions
1000
100
Vertical Polarization
Horizontal Polarization
EN 55022 Class B Limit
Frequency (MHz)
dBuV
80
70
60
50
40
30
20
10
30
Evaluation Board Emissions
1000
100
Vertical Polarization
Horizontal Polarization
10000
100000
1000000
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
VIN (V)
Load = 0.01 A
Load = 0.1 A
Load = 0.5 A
C001
10000
100000
1000000
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
VIN (V)
Load = 0.01 A
Load = 0.1 A
Load = 0.5 A
C001
11
LM46000
www.ti.com
SNVSA45B – JUNE 2014 – REVISED MARCH 2018
Product Folder Links: LM46000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz, L = 27 µH, COUT = 100 µF, CFF = 33 pF. See Application
Performance Curves for Bill of Materials (BOM) for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
Figure 19. Switching Frequency vs VIN in Dropout Operation
VOUT = 5 V
FS = 1 MHz
Figure 20. Switching Frequency vs VIN in Dropout Operation
VOUT = 3.3 V
FS = 500 kHz
IOUT = 0.5 A
Measured on the LM46000PWPEVM with default BOM. No input
filter used.
Figure 21. Radiated EMI Curve
VOUT = 5 V
FS = 500 kHz
IOUT = 0.5 A
Measured on the LM46000PWPEVM with L = 44 µH, COUT = 66
µF, CFF = 33 pF. No input filter used.
Figure 22. Radiated EMI Curve
VOUT = 3.3 V
FS = 500 kHz
IOUT = 0.5 A
Measured on the LM46000PWPEVM with default BOM. EVM input
filter: Lin = 1 µH Cd = 47 µF CIN4 = 68 µF
Figure 23. Conducted EMI Curve
VOUT = 5 V
FS = 500 kHz
IOUT = 0.5 A
Measured on the LM46000PWPEVM with L = 44 µH, COUT = 66
µF, CFF = 33 pF. EVM input filter Lin = 1 µH Cd = 47 µF CIN4 = 68
µF
Figure 24. Conducted EMI Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com