Electronic Components Datasheet Search
  English  ▼

X  

LM46000PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # LM46000PWPR
Description  LM46000 3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46000PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM46000PWPR Datasheet HTML 3Page - Texas Instruments LM46000PWPR Datasheet HTML 4Page - Texas Instruments LM46000PWPR Datasheet HTML 5Page - Texas Instruments LM46000PWPR Datasheet HTML 6Page - Texas Instruments LM46000PWPR Datasheet HTML 7Page - Texas Instruments LM46000PWPR Datasheet HTML 8Page - Texas Instruments LM46000PWPR Datasheet HTML 9Page - Texas Instruments LM46000PWPR Datasheet HTML 10Page - Texas Instruments LM46000PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7
LM46000
www.ti.com
SNVSA45B – JUNE 2014 – REVISED MARCH 2018
Product Folder Links: LM46000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
Ensured by design.
6.7 Switching Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to 125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SW (SW PIN)
tON-MIN
(1)
Minimum high side MOSFET ON-
time
125
165
ns
tOFF-MIN
(1)
Minimum high side MOSFET OFF-
time
200
250
ns
OSCILLATOR (SW PINS AND SYNC PIN)
FOSC-
DEFAULT
Oscillator default frequency
RT pin open circuit
445
500
570
kHz
FADJ
Minimum adjustable frequency
With 1% resistors at RT pin
200
kHz
Maximum adjustable frequency
2200
kHz
Frequency adjust accuracy
10%
VSYNC-HIGH Sync clock high level threshold
2
V
VSYNC-LOW Sync clock low level threshold
0.4
V
DSYNC-MAX Sync clock maximum duty cycle
90%
DSYNC-MIN
Sync clock minimum duty cycle
10%
TSYNC-MIN
Mininum sync clock ON- and OFF-
time
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com