Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR.B Datasheet(PDF) 27 Page - Texas Instruments

Part # LM46002PWPR.B
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPR.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM46002PWPR.B Datasheet HTML 23Page - Texas Instruments LM46002PWPR.B Datasheet HTML 24Page - Texas Instruments LM46002PWPR.B Datasheet HTML 25Page - Texas Instruments LM46002PWPR.B Datasheet HTML 26Page - Texas Instruments LM46002PWPR.B Datasheet HTML 27Page - Texas Instruments LM46002PWPR.B Datasheet HTML 28Page - Texas Instruments LM46002PWPR.B Datasheet HTML 29Page - Texas Instruments LM46002PWPR.B Datasheet HTML 30Page - Texas Instruments LM46002PWPR.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
u
u
d
d
u
u
u
u
IN
OUT
IN
OUT
S
L MAX
S
L MAX
(V
V
) D
(V
V
) D
L
0.4 F
I
0.2 F
I
u
'
u
IN
OUT
L
S
(V
V
) D
i
L F
27
LM46002
www.ti.com
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
Product Folder Links: LM46002
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
8.2.2.3 Switching Frequency
The default switching frequency of the LM46002 device is set at 500 kHz when RT pin is open circuit. The
switching frequency is selected to be 500 kHz in this application for one less passive components. If other
frequency is desired, use Equation 12 to calculate the required value for RT.
RT(kΩ) = 40200 / Freq (kHz) – 0.6
(12)
For 500 kHz, the calculated RT is 79.8 kΩ and standard value 80.6 kΩ can also be used to set the switching
frequency at 500 kHz.
8.2.2.4 Input Capacitors
The LM46002 device requires high frequency input decoupling capacitor(s) and a bulk input capacitor, depending
on the application. The typical recommended value for the high frequency decoupling capacitor is 4.7 µF to 10
µF. A high-quality ceramic type X5R or X7R with sufficiency voltage rating is recommended. The voltage rating
must be greater than the maximum input voltage. To compensate the derating of ceramic capactors, a voltage
rating of twice the maximum input voltage is recommended. Additionally, some bulk capacitance can be required,
especially if the LM46002 circuit is not located within approximately 5 cm from the input voltage source. This
capacitor is used to provide damping to the voltage spiking due to the lead inductance of the cable or trace. The
value for this capacitor is not critical but must be rated to handle the maximum input voltage including ripple.
For this design, a 10 µF, X7R dielectric capacitor rated for 100 V is used for the input decoupling capacitor. The
equivalent series resistance (ESR) is approximately 3 mΩ, and the current-rating is 3 A. Include a capacitor with
a value of 0.1 µF for high-frequency filtering and place it as close as possible to the device pins.
NOTE
DC bias effect: High-capacitance ceramic capacitors have a DC bias effect, which has a
strong influence on the final effective capacitance. Therefore, choose the right capacitor
value carefully. Package size and voltage rating in combination with dielectric material are
responsible for differences between the rated capacitor value and the effective
capacitance.
8.2.2.5 Inductor Selection
The first criterion for selecting an output inductor is the inductance itself. In most buck converters, this value is
based on the desired peak-to-peak ripple current, ΔiL, that flows in the inductor along with the DC load current.
As with switching frequency, the selection of the inductor is a tradeoff between size and cost. Higher inductance
gives lower ripple current and hence lower output voltage ripple with the same output capacitors. Lower
inductance could result in smaller, less expensive component. An inductance that gives a ripple current of 20% to
40% of the 2 A at the typical supply voltage is a good starting point. ΔiL = (1/5 to 2/5) × IOUT. The peak-to-peak
inductor current ripple can be found by Equation 13, and the range of inductance can be found by Equation 14
with the typical input voltage used as VIN.
(13)
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com