Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LM46002PWPR.B
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPR.B Datasheet(HTML) 1 Page - Texas Instruments

  LM46002PWPR.B Datasheet HTML 1Page - Texas Instruments LM46002PWPR.B Datasheet HTML 2Page - Texas Instruments LM46002PWPR.B Datasheet HTML 3Page - Texas Instruments LM46002PWPR.B Datasheet HTML 4Page - Texas Instruments LM46002PWPR.B Datasheet HTML 5Page - Texas Instruments LM46002PWPR.B Datasheet HTML 6Page - Texas Instruments LM46002PWPR.B Datasheet HTML 7Page - Texas Instruments LM46002PWPR.B Datasheet HTML 8Page - Texas Instruments LM46002PWPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
ENABLE
SS/TRK
AGND
FB
LM46002
VIN
COUT
CBOOT
CIN
CVCC
VOUT
CBIAS
RFBT
RFBB
CFF
L
PGOOD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM46002
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
1
1 Features
1
•
27-µA Quiescent current in regulation
•
High efficiency at light load (DCM and PFM)
•
Meets EN55022/CISPR 22 EMI standards
•
Integrated synchronous rectification
•
Adjustable frequency range: 200 kHz to 2.2 MHz
(500 kHz default)
•
Frequency synchronization to external clock
•
Internal compensation
•
Stable with almost any combination of ceramic,
polymer, tantalum, and aluminum capacitors
•
Power-good flag
•
Soft start into prebiased load
•
Internal soft start: 4.1 ms
•
Extendable soft-start time by external capacitor
•
Output voltage tracking capability
•
Precision enable to program system UVLO
•
Output short-circuit protection with hiccup mode
•
Overtemperature thermal shutdown protection
•
Create a custom design using the LM46002 with
the WEBENCH® Power Designer
2 Applications
•
Industrial power supplies
•
Telecommunications systems
•
Sub-AM band automotive
•
Commercial vehicle power supplies
•
General-purpose wide VIN regulation
•
High-efficiency point-of-load regulation
3 Description
The
LM46002
regulator
is
an
easy-to-use
synchronous step-down DC/DC converter capable of
driving up to 2 A of load current from an input voltage
ranging from 3.5 V to 60 V. The LM46002 provides
exceptional efficiency, output accuracy and drop-out
voltage in a very small solution size. An extended
family is available in various load current options and
36-V maximum input voltage in pin-to-pin compatible
packages, including LM46001, LM46000, LM43603,
LM43602, LM43601 and LM43600. Peak-current-
mode control is employed to achieve simple control-
loop
compensation
and
cycle-by-cycle
current
limiting. Optional features such as programmable
switching frequency, synchronization, power-good
flag, precision enable, internal soft start, extendable
soft start, and tracking provide a flexible and easy-to-
use platform for a wide range of applications.
Discontinuous conduction and automatic frequency
reduction at light loads improve light load efficiency.
The family requires few external components. Pin
arrangement allows simple, optimum PCB layout.
Protection features include thermal shutdown, VCC
undervoltage lockout, cycle-by-cycle current limit, and
output short-circuit protection. The LM46002 device is
available in the 16-lead HTSSOP / PWP package
(6.6 mm × 5.1 mm × 1.2 mm) with 0.65-mm lead
pitch.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
LM46002
HTSSOP (16)
6.60 mm × 5.10 mm
space
space
space
space
Simplified Schematic
Radiated Emission Graph
VIN = 24 V, VOUT = 3.3 V, FS= 500 kHz, IOUT = 2 A


Similar Part No. - LM46002PWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002PWPR TI-LM46002PWPR Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM46002PWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com