Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR.B Datasheet(PDF) 53 Page - Texas Instruments

Part # LM46002PWPR.B
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPR.B Datasheet(HTML) 53 Page - Texas Instruments

Back Button LM46002PWPR.B Datasheet HTML 46Page - Texas Instruments LM46002PWPR.B Datasheet HTML 47Page - Texas Instruments LM46002PWPR.B Datasheet HTML 48Page - Texas Instruments LM46002PWPR.B Datasheet HTML 49Page - Texas Instruments LM46002PWPR.B Datasheet HTML 50Page - Texas Instruments LM46002PWPR.B Datasheet HTML 51Page - Texas Instruments LM46002PWPR.B Datasheet HTML 52Page - Texas Instruments LM46002PWPR.B Datasheet HTML 53Page - Texas Instruments LM46002PWPR.B Datasheet HTML 54Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
16X (1.5)
16X (0.45)
(2.41)
(3.29)
BASED ON
0.127 THICK
STENCIL
(5.8)
14X (0.65)
(R
)
0.05
4218975/B 01/2016
PowerPAD TSSOP - 1.2 mm max height
PWP0016G
PLASTIC SMALL OUTLINE
2.04 X 2.78
0.178
2.20 X 3.00
0.152
2.41 X 3.29 (SHOWN)
0.127
2.69 X 3.68
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SYMM
SYMM
1
8
9
16
BASED ON
0.127 THICK
STENCIL
BY SOLDER MASK
METAL COVERED
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:10X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com