Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM46002PWPR.B
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPR.B Datasheet(HTML) 3 Page - Texas Instruments

  LM46002PWPR.B Datasheet HTML 1Page - Texas Instruments LM46002PWPR.B Datasheet HTML 2Page - Texas Instruments LM46002PWPR.B Datasheet HTML 3Page - Texas Instruments LM46002PWPR.B Datasheet HTML 4Page - Texas Instruments LM46002PWPR.B Datasheet HTML 5Page - Texas Instruments LM46002PWPR.B Datasheet HTML 6Page - Texas Instruments LM46002PWPR.B Datasheet HTML 7Page - Texas Instruments LM46002PWPR.B Datasheet HTML 8Page - Texas Instruments LM46002PWPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
PGOOD
EN
SS/TRK
AGND
FB
SW
PGND
VIN
PAD
1
16
2
3
4
5
6
8
7
9
15
14
13
12
11
10
3
LM46002
www.ti.com
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
Product Folder Links: LM46002
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
P = Power, G = Ground, A = Analog
5 Pin Configuration and Functions
PWP Package
16-Pin HTSSOP With PowerPAD™
Top View
Pin Functions
PIN
TYPE (1)
DESCRIPTION
NO.
NAME
1,2
SW
P
Switching output of the regulator. Internally connected to both power MOSFETs. Connect to power
inductor.
3
CBOOT
P
Boot-strap capacitor connection for high-side driver. Connect a high-quality 470-nF capacitor from
CBOOT to SW.
4
VCC
P
Internal bias supply output for bypassing. Connect bypass capacitor from this pin to AGND. Do not
connect external load to this pin. Never short this pin to ground during operation.
5
BIAS
P
Optional internal LDO supply input. To improve efficiency, TI recommends tying to VOUT when 3.3 V
≤ VOUT ≤ 28 V or tie to an external 3.3-V or 5-V rail if available. When used, place a bypass
capacitor (1 to 10 µF) from this pin to ground. Tie to ground when not in use.
6
SYNC
A
Clock input to synchronize switching action to an external clock. Use proper high-speed termination
to prevent ringing. Connect to ground if not used.
7
RT
A
Connect a resistor RT from this pin to AGND to program switching frequency. Leave floating for 500-
kHz default switching frequency.
8
PGOOD
A
Open drain output for power-good flag. Use a 10-kΩ to 100-kΩ pullup resistor to logic rail or other
DC voltage no higher than 12 V.
9
FB
A
Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT. Do not short
this pin to ground during operation.
10
AGND
G
Analog ground pin. Ground reference for internal references and logic. Connect to system ground.
11
SS/TRK
A
Soft-start control pin. Leave floating for internal soft-start slew rate. Connect to a capacitor to extend
soft start time. Connect to external voltage ramp for tracking.
12
EN
A
Enable input to the LM46002: High = ON and Low = OFF. Connect to VIN, or to VIN through
resistor divider, or to an external voltage or logic source. Do not float.
13,14
VIN
P
Supply input pins to internal LDO and high side power FET. Connect to power supply and bypass
capacitors CIN. Path from VIN pin to high frequency bypass CIN and PGND must be as short as
possible.
15,16
PGND
G
Power ground pins, connected internally to the low side power FET. Connect to system ground,
PAD, AGND, ground pins of CIN and COUT. Path to CIN must be as short as possible.
—
PAD
—
Low impedance connection to AGND. Connect to PGND on PCB. Major heat dissipation path of the
die. Must be used for heat sinking to ground plane on PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com