Electronic Components Datasheet Search
  English  ▼

X  

LM5166 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5166
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5166 Datasheet HTML 13Page - Texas Instruments LM5166 Datasheet HTML 14Page - Texas Instruments LM5166 Datasheet HTML 15Page - Texas Instruments LM5166 Datasheet HTML 16Page - Texas Instruments LM5166 Datasheet HTML 17Page - Texas Instruments LM5166 Datasheet HTML 18Page - Texas Instruments LM5166 Datasheet HTML 19Page - Texas Instruments LM5166 Datasheet HTML 20Page - Texas Instruments LM5166 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
F
L(nom)
OFF
OUT
DCR
DSON2
OUT
L
û,
t
V
(R
R
) I
˜
˜
RT
ON
IN
175 R
[k @
t
[ns]
V
˜
t
VREF = 1.223V
1.25A
SLEEP
ACTIVE
SLEEP
ACTIVE
IOUT1
IOUT2
ACTIVE
10mV
VOUT
VIN
SLEEP
ACTIVE
Inductor
Current
FB
Voltage
(internal)
SW
Voltage
1.00A
0.75A
0.50A
17
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 42. PFM Mode With Modulated ILIM, Output Voltage and Inductor Current Representative
Waveforms
As expected, the choice of mode and switching frequency represents a compromise between conversion
efficiency, quiescent current, and passive component size. Lower switching frequency implies reduced switching
losses (including gate charge losses, transition losses, and so forth) and higher overall efficiency. Higher
switching frequency, on the other hand, implies smaller LC output filter and hence, a more compact design.
Lower inductance also helps transient response and reduces the inductor DCR conduction loss. The ideal
switching frequency in a given application is a tradeoff and thus is determined on a case-by-case basis. It relates
to the input voltage, output voltage, most frequent load current level(s), external component choices, and circuit
size requirement. At light loads, the PFM converter has a relatively longer sleep time interval and thus operates
at lower input quiescent current levels.
7.3.2.2 COT Mode Operation
In COT mode, the LM5166-based converter turns on the high-side MOSFET with constant on-time that adapts to
VIN, as defined by Equation 2, to operate with nearly fixed switching frequency when in continuous conduction
mode (CCM). The high-side MOSFET turns on when the feedback voltage (VFB) falls below the reference
voltage. The regulator control loop maintains a constant output voltage by adjusting the PWM off-time as defined
with Equation 3. For stable operation, the feedback voltage must decrease monotonically in phase with the
inductor current during the off-time as explained in Ripple Generation Methods.
(2)
(3)
Diode emulation mode (DEM) prevents negative inductor current, and pulse skipping maintains high efficiency at
light load currents by decreasing the effective switching frequency. The COT-controlled LM5166 waveforms in
CCM and DEM are shown in Figure 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com