Electronic Components Datasheet Search
  English  ▼

X  

LM5166 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5166
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5166 Datasheet HTML 6Page - Texas Instruments LM5166 Datasheet HTML 7Page - Texas Instruments LM5166 Datasheet HTML 8Page - Texas Instruments LM5166 Datasheet HTML 9Page - Texas Instruments LM5166 Datasheet HTML 10Page - Texas Instruments LM5166 Datasheet HTML 11Page - Texas Instruments LM5166 Datasheet HTML 12Page - Texas Instruments LM5166 Datasheet HTML 13Page - Texas Instruments LM5166 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
375
500
625
750
875
1000
1125
1250
1375
D020
500 mA
750 mA
1250 mA
Input Voltage (V)
0
10
20
30
40
50
60
70
250
500
750
1000
1250
1500
1750
D021
500 mA
750 mA
1250 mA
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.3
0.4
0.5
0.6
0.7
0.8
0.9
D018
Input Voltage (V)
0
10
20
30
40
50
60
70
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D019
50qC
25qC
150qC
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.5
0.75
1
1.25
1.5
1.75
D016
Input Voltage (V)
0
10
20
30
40
50
60
70
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D017
50qC
25qC
150qC
10
LM5166
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, VOUT = 5 V. Please refer to Typical Applications for circuit designs.
Figure 19. High-Side MOSFET On-State Resistance vs
Temperature
Figure 20. High-Side MOSFET On-State Resistance vs Input
Voltage
Figure 21. Low-Side MOSFET On-State Resistance vs
Temperature
Figure 22. Low-Side MOSFET On-State Resistance vs Input
Voltage
Figure 23. High-Side Peak Current Limit vs Temperature
Figure 24. High-Side Peak Current Limit vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com