Electronic Components Datasheet Search
  English  ▼

X  

LM5166 Datasheet(PDF) 42 Page - Texas Instruments

Part # LM5166
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM5166 Datasheet HTML 38Page - Texas Instruments LM5166 Datasheet HTML 39Page - Texas Instruments LM5166 Datasheet HTML 40Page - Texas Instruments LM5166 Datasheet HTML 41Page - Texas Instruments LM5166 Datasheet HTML 42Page - Texas Instruments LM5166 Datasheet HTML 43Page - Texas Instruments LM5166 Datasheet HTML 44Page - Texas Instruments LM5166 Datasheet HTML 45Page - Texas Instruments LM5166 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
EN(off)
HYS
UV1
UV2
IN(off)
EN(off)
V
R
R
R
V
V
˜
EN(on)
UV2
UV1
IN(on)
EN(on)
V
R
R
V
V
˜
42
LM5166
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.2.5.2 Detailed Design Procedure
The component selection procedure for this design is quite similar to that of COT designs 1 and 2.
8.2.5.2.1
Peak Current Limit Setting – RILIM
Leave the ILIM pin open circuit to select the 500-mA peak current limit setting for a rated output current of 300
mA. See Table 3.
8.2.5.2.2
Switching Frequency – RRT
Using Equation 4, select a standard 1% resistor value of 169 kΩ to set a switching frequency of 400 kHz.
8.2.5.2.3
Inductor – LF
Choosing a 100-μH inductor in this design results in 150-mA peak-to-peak ripple current at an input voltage of 24
V, equivalent to 50% of the 300-mA rated load current. A larger ripple current design results in improved light-
load efficiency. The peak inductor current at maximum input voltage of 65 V is 424 mA, which is sufficiently
below the LM5166 peak current limit of 500 mA. Select an inductor with saturation current rating well above the
peak current limit setting, and allow for derating of the saturation current at the highest expected operating
temperature.
8.2.5.2.4
Input and Output Capacitors – CIN, COUT
Choose a 4.7-µF, 80-V or 100-V ceramic input capacitor with 1210 footprint. Such a capacitor is typically
available in X7S or X7R dielectric. Based on Equation 24, select a 10-µF, 25-V ceramic output capacitor with
X7R dielectric and 1206 footprint.
8.2.5.2.5
Feedback Resistors – RFB1, RFB2
Select RFB1 of 1 MΩ to minimize quiescent current and improve light-load efficiency in this application. With the
desired output voltage setpoint of 12 V and VFB = 1.223 V, calculate the resistance of RFB2 using Equation 15 as
113.5 kΩ. Choose the closest available standard value of 113 kΩ for RFB2. See Adjustable Output Voltage (FB)
for more detail.
8.2.5.2.6
Ripple Generation Network – RA, CA, CB
Select the ripple injection circuit components RA and CA values using Equation 10 and Equation 11. Choose
capacitor CB using Equation 12 based on a target transient response settling time of 300 µs.
8.2.5.2.7
Undervoltage Lockout Setpoint – RUV1, RUV2, RHYS
Adjust the undervoltage lockout (UVLO) using an externally-connected resistor divider network of RUV1, RUV2, and
RHYS. The UVLO has two thresholds, one for power up when the input voltage is rising and one for power down
or brownouts when the input voltage is falling. The EN rising threshold for the LM5166 is 1.22 V.
Rearranging Equation 16 and Equation 17, the expressions to calculate RUV2 and RHYS are as follows:
(32)
(33)
Choose RUV1 as 10 MΩ to minimize input quiescent current. Given the desired input voltage UVLO thresholds of
20 V and 18 V, calculate the resistance of RUV2 and RHYS as 649 kΩ and 14 kΩ, respectively. See Precision
Enable (EN) and Hysteresis (HYS) for more detail.
8.2.5.2.8
Soft Start – CSS
Install a 47-nF capacitor from SS to GND for a soft-start time of 6 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com