Electronic Components Datasheet Search
  English  ▼

X  

LM5166 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5166
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166 Datasheet(HTML) 5 Page - Texas Instruments

  LM5166 Datasheet HTML 1Page - Texas Instruments LM5166 Datasheet HTML 2Page - Texas Instruments LM5166 Datasheet HTML 3Page - Texas Instruments LM5166 Datasheet HTML 4Page - Texas Instruments LM5166 Datasheet HTML 5Page - Texas Instruments LM5166 Datasheet HTML 6Page - Texas Instruments LM5166 Datasheet HTML 7Page - Texas Instruments LM5166 Datasheet HTML 8Page - Texas Instruments LM5166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
5
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
All hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
The junction temperature (TJ in °C) is calculated from the ambient temperature (TA in °C) and power dissipation (PD in Watts) as follows:
TJ = TA + (PD • θJA) where θJA (in °C/W) is the package thermal impedance provided in Thermal Information.
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits are based on TJ = –40°C to +125°C. VIN = 12 V
(unless otherwise noted).
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ-SD
VIN DC supply current,
shutdown
VEN = 0 V, TJ = 25°C
4
6
µA
IQ-SLEEP
VIN DC supply current, no load
VFB = 1.5 V, TJ = 25°C
9.7
15
µA
IQ-SLEEP-
VINMAX
VIN DC supply current, no load
VFB = 1.5 V, VVIN = 65 V, TJ = 25°C
10
15
µA
IQ-ACTIVE-PFM
VIN DC supply current, active
PFM mode, RRT = 0 Ω, RSS = 100 kΩ
205
µA
IQ-ACTIVE-COT
VIN DC supply current, active
COT mode, RRT = RSS = 100 kΩ
320
µA
POWER SWITCHES
RDSON1
High-side MOSFET RDS(on)
ISW = –100 mA
0.93
Ω
RDSON2
Low-side MOSFET RDS(on)
ISW = 100 mA
0.48
Ω
CURRENT LIMITING
IHS_LIM1
High-side peak current limit
threshold
See Table 3
1125
1250
1375
mA
IHS_LIM2
675
750
825
IHS_LIM3
440
500
560
ILS_LIM1
Low-side valley current limit
threshold
See Table 3
415
mA
ILS_LIM2
315
REGULATION COMPARATOR
VVOUT5
VOUT 5-V DC setpoint
LM5166X
4.9
5.0
5.1
V
VVOUT3.3
VOUT 3.3-V DC setpoint
LM5166Y
3.23
3.3
3.37
V
IVOUT
VOUT pin input current
VVOUT = 5 V, LM5166X
7
µA
VVOUT = 3.3 V, LM5166Y
3.8
VFB1
Lower FB regulation threshold
(PFM and COT)
Adjustable VOUT version
1.208
1.223
1.238
V
VFB2
Upper FB regulation threshold
(PFM)
1.218
1.233
1.248
V
IFB
FB pin input bias current
VFB = 1 V
25
nA
FBHYS-PFM
FB comparator PFM hysteresis
PFM mode
10
mV
FBHYS-COT
FB comparator dropout
hysteresis
COT mode
4
mV
FBLINE-REG
FB threshold variation over line
VVIN = 3 V to 65 V
0.005
%/V
VOUTLINE-REG
VOUT threshold variation over
line
LM5166X, VVIN = 6 V to 65 V
LM5166Y, VVIN = 4.5 V to 65 V
0.005
%/V
POWER GOOD
UVTRISING
PGOOD comparator
VFB rising relative to VFB1 threshold
94%
UVTFALLING
VFB falling relative to VFB1 threshold
87%
RPGOOD
PGOOD on-resistance
VFB = 1 V
80
200
Ω
VINMIN-PGOOD
Minimum required VIN for valid
PGOOD
VVIN falling
IPGOOD = 0.1 mA, VPGOOD < 0.5 V
1.2
1.65
V
IPGOOD
PGOOD off-state leakage
VFB = 1.2 V, VPGOOD = 5.5 V
10
100
nA
ENABLE / UVLO
VIN-ON
Turnon threshold
VVIN rising
2.60
2.75
2.95
V
VIN-OFF
Turnoff threshold
VVIN falling
2.35
2.45
2.60
V
VEN-ON
EN turnon threshold
VEN rising
1.163
1.22
1.276
V
VEN-OFF
EN turnoff threshold
VEN falling
1.109
1.144
1.178
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com