Electronic Components Datasheet Search
  English  ▼

X  

LM5176PWPR Datasheet(PDF) 15 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 11Page - Texas Instruments LM5176PWPR Datasheet HTML 12Page - Texas Instruments LM5176PWPR Datasheet HTML 13Page - Texas Instruments LM5176PWPR Datasheet HTML 14Page - Texas Instruments LM5176PWPR Datasheet HTML 15Page - Texas Instruments LM5176PWPR Datasheet HTML 16Page - Texas Instruments LM5176PWPR Datasheet HTML 17Page - Texas Instruments LM5176PWPR Datasheet HTML 18Page - Texas Instruments LM5176PWPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
LDRV2 is turned on by the clock signal in each switching cycle and turned off by the PWM comparator at the
peak of the inductor ripple current.
The low-side gate drive, LDRV1, complementary to the HDRV1 drive signal, controls the synchronous
rectification MOSFET of the buck stage. The high-side gate drive, HDRV2, complementary to the low-side gate
drive LDRV2, controls the high-side synchronous rectifier of the boost stage. For operation with VIN close to
VOUT, the LM5176 uses a proprietary buck or boost transition scheme to achieve smooth, low ripple transition
zone behavior.
Peak and valley current mode controllers require slope compensation for stable current loop operation at duty
cycle greater than 50% in peak current mode control and less than 50% in valley current mode control. The
LM5176 provides a SLOPE pin to program optimum slope for any VIN and VOUT combination using an external
capacitor.
7.3.2 VCC Regulator and Optional BIAS Input
The VCC regulator provides a regulated bias supply to the gate drivers. When EN/UVLO is above the standby
threshold (VEN(STBY)), the VCC regulator is turned on. For VIN less than the VCC regulation target, the VCC
voltage tracks VIN with a small voltage drop as shown in Figure 6-4. If the EN/UVLO input is above the operating
threshold (VEN(OP)) and VCC exceeds the VCC UV threshold (VUV(VCC)), the controller is enabled and switching
begins.
The VCC regulator draws power from VIN when there is no supply voltage connected to the BIAS pin. If the BIAS
pin is connected to an external voltage source that exceeds VCC by one diode drop, the VCC regulator draws
power from the BIAS input instead of VIN. Connecting the BIAS pin to VOUT in applications with VOUT greater
than 8.5 V improves the efficiency of the regulator in the buck mode.
For low VIN operation, ensure that the VCC voltage is sufficient to fully enhance the MOSFETs. Use an external
bias supply if VIN dips below the voltage required to sustain the VCC voltage. For these conditions, use a series
blocking diode between the input supply and the VIN pin (Figure 7-1). This prevents VCC from back-feeding into
VIN through the body diode of the VCC regulator.
A ceramic capacitor of 16 V or higher voltage rating and a value between 1 µF and 4.7 µF is required to supply
the VCC regulator load transients. The VCC bypass capacitor should be connected between VCC and PGND
pins.
Optional
Bias Supply/ VOUT
VIN
CVCC
CBIAS
VIN
BIAS
CVIN
VCC
LM5176
Series Blocking Diode
Figure 7-1. VCC Regulator and Optional BIAS
7.3.3 Enable/UVLO
The LM5176 has a dual function enable and undervoltage lockout (UVLO) circuit. The EN/UVLO pin has three
distinct voltage ranges: shutdown, standby, and operating (see Section 7.4.1). When the EN/UVLO pin is below
the standby threshold, VEN(STBY), the converter is held in a low power shutdown mode. When EN/UVLO voltage
is greater than the standby threshold, VEN(STBY), but less than the operating threshold, VEN(OP), the internal
bias rails and the VCC regulator are enabled but the soft-start (SS) pin is held low and the PWM controller is
disabled. A pullup current IEN(STBY) is sourced out of the EN/UVLO pin in standby mode to provide hysteresis
www.ti.com
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com