Electronic Components Datasheet Search
  English  ▼

X  

LM5176PWPR Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 6Page - Texas Instruments LM5176PWPR Datasheet HTML 7Page - Texas Instruments LM5176PWPR Datasheet HTML 8Page - Texas Instruments LM5176PWPR Datasheet HTML 9Page - Texas Instruments LM5176PWPR Datasheet HTML 10Page - Texas Instruments LM5176PWPR Datasheet HTML 11Page - Texas Instruments LM5176PWPR Datasheet HTML 12Page - Texas Instruments LM5176PWPR Datasheet HTML 13Page - Texas Instruments LM5176PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
TEMPERATURE (qC)
-40
-20
0
20
40
60
80
100
120
140
1.10
1.14
1.18
1.22
1.26
1.30
D013
Figure 6-7. ENABLE/UVLO Rising Threshold vs
Temperature
TEMPERATURE (qC)
-40
-20
0
20
40
60
80
100
120
140
50
60
70
80
90
100
110
D014
Figure 6-8. Buck Current Limit vs Temperature
TEMPERATURE (qC)
-40
-20
0
20
40
60
80
100
120
140
90
100
110
120
130
140
150
D015
Figure 6-9. Boost Current Limit vs Temperature
I
L1
SW1
SW2
VOUT = 12 V
VIN = 6 V
Figure 6-10. Forced CCM Operation (Boost)
I
L1
SW1
SW2
VOUT = 12 V
VIN = 11 V
Figure 6-11. Forced CCM Operation (Buck-Boost)
I
L1
SW1
SW2
VOUT = 12 V
VIN = 12 V
Figure 6-12. Forced CCM Operation (Buck-Boost)
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com