Electronic Components Datasheet Search
  English  ▼

X  

LM5176PWPR Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 15Page - Texas Instruments LM5176PWPR Datasheet HTML 16Page - Texas Instruments LM5176PWPR Datasheet HTML 17Page - Texas Instruments LM5176PWPR Datasheet HTML 18Page - Texas Instruments LM5176PWPR Datasheet HTML 19Page - Texas Instruments LM5176PWPR Datasheet HTML 20Page - Texas Instruments LM5176PWPR Datasheet HTML 21Page - Texas Instruments LM5176PWPR Datasheet HTML 22Page - Texas Instruments LM5176PWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
The COMP output voltage (VCOMP) range limits the possible VIN and IOUT ranges for a given design. In buck
mode, the maximum VIN for which the converter can regulate the output at no load is when VCOMP reaches 0.3 V.
Equation 7 gives VCOMP as a function of VIN at no load in CCM buck mode:
IN
OUT
OUT
COMP(BUCK)
CS
SENSE
BUCK
BUCK
sw
SLOPE
sw
2 S V
V
6 A
V
V
1.6 V
A
R
1 D
1 D
2 L1 F
C
F
P ˜
P
˜
˜
˜
˜
˜
˜
˜
(7)
Where DBUCK in Equation 7 is the buck duty cycle given by:
OUT
BUCK
IN
V
D
V
(8)
A larger L1, lower slope ripple (higher CSLOPE), smaller sense resistor (RSENSE), and higher frequency can
increase the maximum VIN range for buck operation.
For boost mode, the minimum VIN for which the converter can regulate the output at full load is when VCOMP
reaches 3 V. Equation 9 gives VCOMP as a function of VIN in boost mode:
OUT
IN
OUT
IN
COMP(BOOST)
CS
SENSE
OUT
BOOST
BOOST
IN
sw
SLOPE
sw
2 S V
V
5 A
V
V
V
1.6 V
A
R
I
D
D
V
2 L1 F
C
F
P ˜
P
§
·
˜
˜
˜
˜
˜
¨
¸
˜
˜
˜
©
¹
(9)
Where DBOOST in Equation 9 is the boost duty cycle given by:
IN
BOOST
OUT
V
D
1
V
(10)
A larger L1, lower slope ripple (higher CSLOPE), smaller sense resistor (RSENSE), and higher frequency can
extend the minimum VIN range for boost operation.
7.3.14 Integrated Gate Drivers
The LM5176 provides four N-channel MOSFET gate drivers: two floating high-side gate drivers at the HDRV1
and HDRV2 pins, and two ground referenced low-side drivers at the LDRV1 and LDRV2 pins. Each driver is
capable of sourcing 1.8-A and sinking 2.2-A peak current. In buck operation, LDRV1 and HDRV1 are switched
by the PWM controller while HDRV2 remains continuously on. In boost operation, LDRV2 and HDRV2 are
switched while HDRV1 remains continuously on.
The low-side gate drivers are powered from VCC and the high-side gate drivers HDRV1 and HDRV2 are
powered from bootstrap capacitors CBOOT1 (between BOOT1 and SW1) and CBOOT2 (between BOOT2 and
SW2), respectively. The CBOOT1 and CBOOT2 capacitors are charged through external Schottky diodes connected
to the VCC pin as shown in Figure 8-1.
In most applications, ceramic capacitors of 16-V or higher voltage rating and values between 0.1 µF and 0.22 µF
are sufficient for CBOOT1 and CBOOT2.
7.3.15 Thermal Shutdown
The LM5176 is protected by a thermal shutdown circuit that shuts down the device when the internal junction
temperature exceeds 165°C (typical). The soft-start capacitor is discharged when thermal shutdown is triggered
and the gate drivers are disabled. The converter automatically restarts when the junction temperature drops by
the thermal shutdown hysteresis of 15°C below the thermal shutdown threshold.
7.4 Device Functional Modes
Refer to Section 7.3.3 for the description of EN/UVLO pin function. Section 7.4.1 lists the shutdown, standby,
and operating modes for LM5176 as a function of EN/UVLO and VCC voltages.
www.ti.com
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com