Electronic Components Datasheet Search
  English  ▼

X  

LM5176PWPR Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5176PWPR
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176PWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 13Page - Texas Instruments LM5176PWPR Datasheet HTML 14Page - Texas Instruments LM5176PWPR Datasheet HTML 15Page - Texas Instruments LM5176PWPR Datasheet HTML 16Page - Texas Instruments LM5176PWPR Datasheet HTML 17Page - Texas Instruments LM5176PWPR Datasheet HTML 18Page - Texas Instruments LM5176PWPR Datasheet HTML 19Page - Texas Instruments LM5176PWPR Datasheet HTML 20Page - Texas Instruments LM5176PWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Applying the appropriate voltage to the MODE pin of the LM5176 enables hiccup mode fault protection (see
Section 7.4.2). In hiccup mode, the controller shuts down after detecting cycle-by-cycle current limiting for 128
consecutive cycles and the soft-start capacitor is discharged. The soft-start capacitor is automatically released
after 4000 oscillator clock cycles and the controller restarts. If hiccup mode protection is not enabled through the
MODE pin, the LM5176 will operate in cycle-by-cycle current limiting as long as the overload condition persists.
7.3.6 Average Input/Output Current Limiting
The LM5176 provides optional average current limiting capability to limit either the input or the output current of
the DC/DC converter. The average current limiting circuit uses an additional current sense resistor connected in
series with the input supply or output voltage of the converter. A current sense gm amplifier with inputs at the
ISNS(+) and ISNS(-) pins monitors the voltage across the sense resistor and compares it with an internal 50-mV
reference. If the drop across the sense resistor is greater than 50 mV, the gm amplifier gradually discharges
the soft-start capacitor. When the soft-start capacitor discharges below the feedback reference voltage, VREF,
the output voltage of the converter decreases to limit the input or output current. The average current limiting
feature can be used in applications requiring a regulated current from the input supply or into the load. The target
constant current is given by Equation 4:
CL(AVG)
SNS
50 mV
I
R
(4)
A filter network as shown in Figure 8-1 is often used across the ISNS(+) and ISNS(-) pins to filter the ripple in the
average current sense signal.
The average current loop can be disabled by shorting the ISNS(+) and ISNS(-) pins together to AGND.
7.3.7 Operation Above 40-V Input
For application where input voltage is higher than 40 V, a 2-kΩ resistor in series with the VISNS pin is required
as shown in Figure 8-1.
7.3.8 CCM Operation
The LM5176 works in continuous conduction mode (CCM). In CCM operation, the inductor current can flow
in either direction and the controller switches at a fixed frequency regardless of the load current. The CCM
operation is useful for noise-sensitive applications where a fixed switching eases filter design.
7.3.9 Frequency and Synchronization (RT/SYNC)
The LM5176 switching frequency can be programmed between 100 kHz and 600 kHz using a resistor from the
RT/SYNC pin to AGND. The RT resistor is related to the nominal switching frequency (Fsw) by Equation 5:
§
·
¨
¸
©
¹
sw
T
1
190 ns
F
R
116 pF
(5)
Figure 6-3 in the Section 6.6 shows the relationship between the programmed switching frequency (Fsw) and the
RT resistor.
The RT/SYNC pin can also be used to synchronize the internal oscillator to an external clock signal. The
external synchronization pulse is ac coupled using a capacitor to the RT/SYNC pin. The external synchronization
pulse frequency range is 75% to 125% of the resistor programmed frequency. A 50% duty cycle is acceptable for
external SYNC.
www.ti.com
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com