Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 20 Page - Texas Instruments

Part # LMC6482
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6482 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMC6482 Datasheet HTML 16Page - Texas Instruments LMC6482 Datasheet HTML 17Page - Texas Instruments LMC6482 Datasheet HTML 18Page - Texas Instruments LMC6482 Datasheet HTML 19Page - Texas Instruments LMC6482 Datasheet HTML 20Page - Texas Instruments LMC6482 Datasheet HTML 21Page - Texas Instruments LMC6482 Datasheet HTML 22Page - Texas Instruments LMC6482 Datasheet HTML 23Page - Texas Instruments LMC6482 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
7.1.3 Instrumentation Circuits
The LMC648x have high input impedance, large common-mode range and high CMRR needed for designing
instrumentation circuits. Instrumentation circuits designed with the LMC648x can reject a larger range of
common-mode signals than most in-amps. This makes instrumentation circuits designed with the LMC648x an
excellent choice for noisy or industrial environments. Other applications that benefit from these features include
analytic medical instruments, magnetic field detectors, gas detectors, and silicon-based transducers.
A small valued potentiometer is used in series with RG to set the differential gain of the 3-op-amp
instrumentation circuit in Figure 7-2. This combination is used instead of one large valued potentiometer to
increase gain trim accuracy and reduce error due to vibration. An improved design that can help increase
accuracy, save cost, and reduce board space can be achieved by using the RES11A matched resistor pair
series.
+
–
LMC648x
VIN
VOUT
0.1%
50k
C1
+
–
LMC648x
VIN+
R1
RG
50k
50k
0.1%
50k
+
–
LMC648x
50k
48.7k
10
C2
C3
10pF
VREF
C4 = 3pF to 20pF
0.1%
0.1%
0.1%
Ri = 10k
Ri = 10k
ac CMR
adjust
dc CMR
adjust
Figure 7-2. Low Power, Three Op Amp Instrumentation Amplifier
The Figure 7-3 shows how a high precision, high CMRR, and low drift in-amp can be achieved using two
matched resistor pairs. Using a 1:4 ratio, a gain of 36V/V can be easily implemented. Other gain options are
possible by using the various ratios available. One downside to the original implementation in Figure 7-2 is
that very high performance, 0.01% resistors and a couple of potentiometers are needed to achieve very high
common-mode rejection and gain accuracy. High accuracy resistors can be very expensive and add to board
layout size and complexity. Another downside is that the temperature drift of the discrete resistors causes an
increase in gain error that is not easily calibrated out.
The RES11A matched resistor pairs provide high common-mode rejection and gain-error performance due to
excellent matching to less than 0.05%. The resistors are on the same substrate; therefore, the resistors drift in
the same direction, minimizing temperature-related errors such as gain error drift. For a more detailed analysis
of the benefits of the RES11A over discrete resistors, see the Optimizing CMRR in Differential Amplifier Circuits
With Precision Matched Resistor Divider Pairs application note.
1k
RES11A40-Q1
Floating
4k
+
–
+
–
1k
4k
IN
IN+
LMC648x
4k
RES11A40-Q1
REF
1k
+
–
4k
1k
OUT
LMC648x
LMC648x
C2
C3
C1
C4
ac CMR
adjust
Figure 7-3. Improved Low Power, Three Op Amp Instrumentation Amplifier With RES11A
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com