Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 24 Page - Texas Instruments

Part # LMC6482
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6482 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMC6482 Datasheet HTML 20Page - Texas Instruments LMC6482 Datasheet HTML 21Page - Texas Instruments LMC6482 Datasheet HTML 22Page - Texas Instruments LMC6482 Datasheet HTML 23Page - Texas Instruments LMC6482 Datasheet HTML 24Page - Texas Instruments LMC6482 Datasheet HTML 25Page - Texas Instruments LMC6482 Datasheet HTML 26Page - Texas Instruments LMC6482 Datasheet HTML 27Page - Texas Instruments LMC6482 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
7.2.1.2.3 Compensating For Input Capacitance
The use of large values of feedback resistance with amplifiers that have ultra-low input current, like the
LMC648x, is quite common. Large feedback resistors can react with small values of input capacitance due
to transducers, photo diodes, and circuits board parasitics to reduce phase margins.
+
–
LMC648x
V
IN
V
OUT
C
f
C
IN
R2
R1
Figure 7-12. Canceling the Effect of Input Capacitance
The effect of input capacitance can be compensated for by adding a feedback capacitor. The feedback capacitor
(as in Figure 7-12), Cf, is first estimated by:
12πR1CIN ≥  12πR2Cf
(1)
or
R1 CIN ≤ R2 Cf
(2)
which typically provides significant overcompensation.
Printed-circuit-board stray capacitance can be larger or smaller than that of a bread-board, so the actual
optimum value for Cf can be different. Check the value of Cf on the actual circuit. (Refer to the LMC660 quad
CMOS amplifier data sheet for a more detailed discussion.)
7.2.1.2.4 Offset Voltage Adjustment
Offset voltage adjustment circuits are illustrated in Figure 7-13 and Figure 7-14. Large value resistances and
potentiometers are used to reduce power consumption while providing typically ±2.5mV of adjustment range,
referred to the input, for both configurations with VS = ±5V.
+
–
LMC648x
V
IN
V
OUT
R2
R1
500k
1k
500k
499
1M
5V
5V
V+
V
V
Figure 7-13. Inverting Configuration Offset Voltage
Adjustment
+
–
LMC648x
V
IN
V
OUT
R4
R1
500k
R2
R3
5V
5V
V+
V
Figure 7-14. Noninverting Configuration Offset
Voltage Adjustment
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com