Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMC6482
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6482 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC6482 Datasheet HTML 2Page - Texas Instruments LMC6482 Datasheet HTML 3Page - Texas Instruments LMC6482 Datasheet HTML 4Page - Texas Instruments LMC6482 Datasheet HTML 5Page - Texas Instruments LMC6482 Datasheet HTML 6Page - Texas Instruments LMC6482 Datasheet HTML 7Page - Texas Instruments LMC6482 Datasheet HTML 8Page - Texas Instruments LMC6482 Datasheet HTML 9Page - Texas Instruments LMC6482 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
5.6 Electrical Characteristics: VS = 5V
at TJ = +25°C, V+ = 5V, V– = 0V, VCM = VOUT = V+ / 2, and RL > 1MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC SPECS
VOS
Input offset voltage
LMC648xAI
±0.11
±0.75
mV
TA = –40°C to +85°C
±1.35
LMC648xI
±0.11
±3
TA = –40°C to +85°C
±3.7
dVOS/dT
Input offset voltage drift
TA = –40°C to +85°C
±1
µV/°C
IB
Input bias current
±0.02
pA
TA = –40°C to +85°C
±4
IOS
Input offset current
±0.01
pA
TA = –40°C to +85°C
±2
CIN
Common-mode input
capacitance
3
pF
RIN
Input resistance
10
TΩ
CMRR
Common-mode rejection
ratio
LMC648xAI
0V ≤ VCM ≤ 15V, V+ = 15V
70
82
dB
TA = –40°C to +85°C
67
LMC648xI
0V ≤ VCM ≤ 15V, V+ = 15V
65
82
TA = –40°C to +85°C
62
LMC648xAI
0V ≤ VCM ≤ 5V, V+ = 5V
70
82
TA = –40°C to +85°C
67
LMC648xI
0V ≤ VCM ≤ 5V, V+ = 5V
60
82
TA = –40°C to +85°C
58
+PSRR
Positive power-supply
rejection ratio
LMC648xAI
5V ≤ V+ ≤ 15V, V– = 0V,
VO = 2.5V
70
82
dB
TA = –40°C to +85°C
67
LMC648xI
5V ≤ V+ ≤ 15V, V– = 0V,
VO = 2.5V
65
82
TA = –40°C to +85°C
62
–PSRR
Negative power-supply
rejection ratio
LMC648xAI
–5V ≤ V– ≤ –15V, V+ = 0V,
VO = –2.5V
70
82
dB
TA = –40°C to +85°C
67
LMC648xI
–5V ≤ V– ≤ –15V, V+ = 0V,
VO = –2.5V
65
82
TA = –40°C to +85°C
62
VCM
Input common-mode
voltage
V+ = 5V and 15V,
for CMRR ≥ 50dB
Low
(V–) – 0.3
–0.25
V
Low, TA = –40°C to +85°C
0
High
(V+) +
0.25
(V+) + 0.3
High, TA = –40°C to +85°C
(V+)
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com