Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC6482
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6482 Datasheet(HTML) 1 Page - Texas Instruments

  LMC6482 Datasheet HTML 1Page - Texas Instruments LMC6482 Datasheet HTML 2Page - Texas Instruments LMC6482 Datasheet HTML 3Page - Texas Instruments LMC6482 Datasheet HTML 4Page - Texas Instruments LMC6482 Datasheet HTML 5Page - Texas Instruments LMC6482 Datasheet HTML 6Page - Texas Instruments LMC6482 Datasheet HTML 7Page - Texas Instruments LMC6482 Datasheet HTML 8Page - Texas Instruments LMC6482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
1 Features
• Rail-to-rail input common-mode voltage range
(specified over temperature)
• Rail-to-rail output swing (within 20mV of supply
rail, 100kΩ load)
• Specified 3V, 5V, and 15V performance
• Excellent CMRR and PSRR: 82dB
• Ultra-low input current: 20fA
• Specified for 2kΩ and 600Ω loads
• Improved replacement for TLC272, TLC277
2 Applications
• Data acquisition (DAQ)
• Currency counter
• Oscilloscope (DSO)
• Intra-DC interconnect (METRO)
• Macro remote radio unit (RRU)
• Multiparameter patient monitor
• Merchant telecom rectifiers
• Train control and management
• Process analytics (pH, gas, concentration, force,
and humidity)
• Three phase UPS
3 Description
The LMC6482 and LMC6484 (LMC648x) devices
provide a common-mode range that extends to both
supply rails. This rail-to-rail performance combined
with excellent accuracy, due to a high CMRR,
makes these devices unique among rail-to-rail input
amplifiers. The devices are an excellent choice for
systems that require a large input signal range,
such as data acquisition. The LMC648x are also an
excellent upgrade for circuits using limited common-
mode range amplifiers, such as the TLC272, TLC274,
TLC277 and TLC279.
Maximum dynamic signal range is provided in low
voltage and single supply systems by the rail-to-rail
output swing of the LMC648x. The rail-to-rail output
swing is maintained for loads down to 600Ω of the
device. Specified low-voltage characteristics and low-
power dissipation make the LMC648x a great choice
for battery-operated systems.
The LMC648x devices are available in PDIP, SOIC,
and VSSOP packages.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
LMC6482
Dual
D (SOIC, 8)
DGK (VSSOP, 8)
P (PDIP, 8)
LMC6484
Quad
D (SOIC, 14)
N (PDIP, 14)
(1)
For more information, see Section 10.
3V
0V
C001
A1
±0.18 V
500mV
50 s
Rail-to-Rail Input (VS = 3V)
1k
RES11A10-Q1
REF
1k
+
–
1k
1k
OUT
LMC648x
C1
C2
IN−
IN+
Unity-Gain Difference Amplifier
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMC6482

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482 TI-LMC6482 Datasheet
2Mb / 35P
Rail-to=Rail Input Common-Mode Voltage Range(Ensured Over Temperature), Ensured 3V, 5V and 15V Performance
LMC6482 TI-LMC6482 Datasheet
2Mb / 35P
LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI-LMC6482 Datasheet
2Mb / 35P
LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482 Datasheet
2Mb / 39P
LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP484 AD-OP484_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com