Electronic Components Datasheet Search
  English  ▼

X  

LMH6583 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6583
Description  LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6583 Datasheet(HTML) 2 Page - Texas Instruments

  LMH6583 Datasheet HTML 1Page - Texas Instruments LMH6583 Datasheet HTML 2Page - Texas Instruments LMH6583 Datasheet HTML 3Page - Texas Instruments LMH6583 Datasheet HTML 4Page - Texas Instruments LMH6583 Datasheet HTML 5Page - Texas Instruments LMH6583 Datasheet HTML 6Page - Texas Instruments LMH6583 Datasheet HTML 7Page - Texas Instruments LMH6583 Datasheet HTML 8Page - Texas Instruments LMH6583 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
64
CFG
DOUT
VCC
CLK
OUT7
GND
VEE
GND
OUT6
VCC
BCST
GND
VEE
GND
OUT4
VCC
OUT5
IN15
IN8
VEE
IN9
VCC
IN10
VEE
IN11
VCC
VEE
IN13
VCC
IN14
VEE
IN12
16
32
48
GND
SWITCH
MATRIX
CONFIGURATION
REGISTER
LOAD
REGISTER
DATA OUT
RST
DATA IN
CS
CLK
MODE
BCST
CFG
40
136
LMH6583
SNOSAP5E – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 64-Pin Exposed Pad HTQFP
Figure 2. Block Diagram
See Package Number PAP0064A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
VS
±6V
IIN (Input Pins)
±20 mA
IOUT
(4)
Input Voltage Range
V− to V+
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see ±3.3V Electrical
Characteristics and ±5V Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum output current (IOUT) is determined by device power dissipation limitations.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com