Electronic Components Datasheet Search
  English  ▼

X  

LMH6583 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH6583
Description  LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6583 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6583 Datasheet HTML 8Page - Texas Instruments LMH6583 Datasheet HTML 9Page - Texas Instruments LMH6583 Datasheet HTML 10Page - Texas Instruments LMH6583 Datasheet HTML 11Page - Texas Instruments LMH6583 Datasheet HTML 12Page - Texas Instruments LMH6583 Datasheet HTML 13Page - Texas Instruments LMH6583 Datasheet HTML 14Page - Texas Instruments LMH6583 Datasheet HTML 15Page - Texas Instruments LMH6583 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LMH6583
OUTPUT
BUFFER
VOUT
+
-
LMH6703
RL
1 k:
560:
560:
1
10
100
1000
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (MHz)
OUTPUT CONNECTED DIRECTLY
NO EXPANSION
VS = ±3.3V
VOUT = 2 VPP
RL = 150:
1
10
100
1000
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (MHz)
OUTPUT CONNECTED DIRECTLY
NO EXPANSION
VS = ±5V
VOUT = 2 VPP
RL = 150:
LMH6583
SNOSAP5E – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Figure 36. Input Expansion Frequency Response
Figure 37. Input Expansion Frequency Response
DRIVING CAPACITIVE LOADS
Capacitive output loading applications will benefit from the use of a series output resistor ROUT. Capacitive loads
of 5 pF to 120 pF are the most critical, causing ringing, frequency response peaking and possible oscillation. For
applications where maximum frequency response is needed and some peaking is tolerable, the value of ROUT
can be reduced slightly from the recommended values. When driving transmission lines the 50
Ω or 75Ω
matching resistor makes the series output resistor unnecessary.
USING OUTPUT BUFFERING TO ENHANCE BANDWIDTH AND INCREASE RELIABILITY
The LMH6583 crosspoint switch can offer enhanced bandwidth and reliability with the use of external buffers on
the outputs. The bandwidth is increased by unloading the outputs and driving a higher impedance. The 1 k
Ω load
resistor was chosen to provide the best performance on our evaluation board. See Figure 9 in Typical
Performance Characteristics for an example of bandwidth achieved with less loading on the outputs. For this
technique to provide maximum benefit a very high speed amplifier such as the LMH6703 should be used, as
shown in Figure 38.
Besides offering enhanced bandwidth performance using an external buffer provides for greater system
reliability. The first advantage is to reduce thermal loading on the crosspoint switch. This reduced die
temperature will increase the life of the crosspoint. The second advantage is enhanced ESD reliability. It is very
difficult to build high speed devices that can withstand all possible ESD events. With external buffers the
crosspoint switch is isolated from ESD events on the external system connectors.
Figure 38. Buffered Output
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com