Electronic Components Datasheet Search
  English  ▼

X  

LMH6583 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6583
Description  LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6583 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6583 Datasheet HTML 4Page - Texas Instruments LMH6583 Datasheet HTML 5Page - Texas Instruments LMH6583 Datasheet HTML 6Page - Texas Instruments LMH6583 Datasheet HTML 7Page - Texas Instruments LMH6583 Datasheet HTML 8Page - Texas Instruments LMH6583 Datasheet HTML 9Page - Texas Instruments LMH6583 Datasheet HTML 10Page - Texas Instruments LMH6583 Datasheet HTML 11Page - Texas Instruments LMH6583 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
-40
0.001
0.1
10
1000
FREQUENCY (MHz)
-100
-60
100
1
0.01
-50
-70
-80
-90
BOTH INPUTS & OUTPUTS
OUTPUTS ONLY
INPUTS ONLY
1
10
100
-95
-90
-85
-80
-75
-70
-65
-60
FREQUENCY (MHz)
VS = ±5V
RL = 100:
VOUT = 4V
VOUT = 2V
VOUT = 0.25V
-40
0.1
10
1000
FREQUENCY (MHz)
-120
-100
-70
100
1
-50
-60
-80
-90
-110
-50
0.1
10
1000
FREQUENCY (MHz)
-110
-70
100
1
-60
-80
-90
-100
0
5
10
15
20
25
30
35
40
TIME (ns)
-4
-3
-2
-1
0
1
2
3
4
VS = ±5V
SINGLE CHANNEL
0
5
10
15
20
25
30
35
40
-2.5
2.5
TIME (ns)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
VS = ±3.3V
SINGLE CHANNEL
LMH6583
SNOSAP5E – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
4 VPP Pulse Response
6 VPP Pulse Response
Figure 15.
Figure 16.
2 VPP Off Isolation
2 VPP Crosstalk
Figure 17.
Figure 18.
Second Order Distortion (HD2)
vs.
2 VPP All Hostile Crosstalk
Frequency
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com