Electronic Components Datasheet Search
  English  ▼

X  

LMH6583 Datasheet(PDF) 24 Page - Texas Instruments

Part # LMH6583
Description  LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6583 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMH6583 Datasheet HTML 18Page - Texas Instruments LMH6583 Datasheet HTML 19Page - Texas Instruments LMH6583 Datasheet HTML 20Page - Texas Instruments LMH6583 Datasheet HTML 21Page - Texas Instruments LMH6583 Datasheet HTML 22Page - Texas Instruments LMH6583 Datasheet HTML 23Page - Texas Instruments LMH6583 Datasheet HTML 24Page - Texas Instruments LMH6583 Datasheet HTML 25Page - Texas Instruments LMH6583 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
(11.4)
(11.4)
60X (0.5)
64X (1.5)
64X (0.3)
(
0.2) TYP
VIA
(
6.08)
(
8)
NOTE 8
(R0.05)
TYP
(1.3 TYP)
(1.3 TYP)
PowerPAD
TQFP - 1.2 mm max height
PAP0064E
PLASTIC QUAD FLATPACK
4228332/A 01/2022
TM
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. See technical brief, Powerpad thermally enhanced package,
Texas Instruments Literature No. SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled,
plugged or tented.
10. Size of metal pad may vary due to creepage requirement.
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:6X
SYMM
64
49
17
32
33
48
1
16
SOLDER MASK
DEFINED PAD
METAL COVERED
BY SOLDER MASK
65
SEE DETAILS
SYMM
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com