Electronic Components Datasheet Search
  English  ▼

X  

LMK1C1104 Datasheet(PDF) 20 Page - Texas Instruments

Part # LMK1C1104
Description  LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK1C1104 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMK1C1104 Datasheet HTML 16Page - Texas Instruments LMK1C1104 Datasheet HTML 17Page - Texas Instruments LMK1C1104 Datasheet HTML 18Page - Texas Instruments LMK1C1104 Datasheet HTML 19Page - Texas Instruments LMK1C1104 Datasheet HTML 20Page - Texas Instruments LMK1C1104 Datasheet HTML 21Page - Texas Instruments LMK1C1104 Datasheet HTML 22Page - Texas Instruments LMK1C1104 Datasheet HTML 23Page - Texas Instruments LMK1C1104 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.1
1.9
2.1
1.9
0.8
0.7
0.05
0.00
2X 1.5
6X 0.5
7X
0.6
0.4
8X
0.3
0.2
0.7
0.5
(0.2) TYP
WSON - 0.8 mm max height
DQF0008A
PLASTIC SMALL OUTLINE - NO LEAD
4220563/A 03/2021
0.05 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
SYMM
1
4
5
8
SCALE 6.000
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com