Electronic Components Datasheet Search
  English  ▼

X  

LMK1C1104 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMK1C1104
Description  LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK1C1104 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK1C1104 Datasheet HTML 3Page - Texas Instruments LMK1C1104 Datasheet HTML 4Page - Texas Instruments LMK1C1104 Datasheet HTML 5Page - Texas Instruments LMK1C1104 Datasheet HTML 6Page - Texas Instruments LMK1C1104 Datasheet HTML 7Page - Texas Instruments LMK1C1104 Datasheet HTML 8Page - Texas Instruments LMK1C1104 Datasheet HTML 9Page - Texas Instruments LMK1C1104 Datasheet HTML 10Page - Texas Instruments LMK1C1104 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
VDD = 3.3 V ± 5 %, –40°C ≤ TA ≤ 125°C. Typical values are at VDD = 3.3 V, 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK OUTPUT FOR VDD = 1.8 V ± 5%
VOH
Output high voltage
IOH = 1 mA
0.8 x VDD
V
VOL
Output low voltage
IOL = 1 mA
0.2 x VDD
tRISE-FALL
Output rise and fall time
20/80%, CL= 5 pF, fIN = 156.25 MHz
0.38
1
ns
tOUTPUT-
SKEW
Output-output skew
See (4)
50
ps
tPART-SKEW Part-to-part skew
900
ps
tPROP-DELAY Propagation delay
See (5)
1.5
3
ns
tJITTER-ADD Additive Jitter
fIN = 156.25 MHz, Input slew rate = 2 V/ns,
Integration range = 12 kHz - 20 MHz
17.5
50 fs, RMS
ROUT
Output impedance
60
Ω
GENERAL PURPOSE INPUT (1G)
VIH
High-level input voltage
0.75 x
VDD
V
VIL
Low-level input voltage
0.25 x
VDD
IIH
Input high-level current
VIH = VDD_REF
–50
50
µA
IIL
Input low-level current
VIL = GND
–50
50
(1)
Measured from VDD stable to output active, when 1G = HIGH.
(2)
Measured from 1G rising edge crossing VIH to first rising edge of Yn.
(3)
Measured from 1G falling edge crossing VIL to last falling edge of Yn.
(4)
Measured from rising edge of any Yn output to any other Ym output.
(5)
Measured from rising edge of CLKIN to any Yn output.
7.6 Timing Requirements
VDD = 3.3 V ± 5 %, –40°C ≤ TA ≤ 125°C
MIN
NOM
MAX
UNIT
POWER SUPPLY
V/tRAMP
VDD ramp rate
0.1
50
V/ms
7.7 Typical Characteristics
Frequency (MHz)
0
25
50
75
100
125
150
175
200
225
250
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
D001
VDD = 1.8 V
VDD = 2.5 V
VDD = 3.3 V
Figure 7-1. Device Power Consumption vs. Clock Frequency (Load 5 pF)
www.ti.com
LMK1C1102, LMK1C1103, LMK1C1104
SNAS791D – DECEMBER 2019 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMK1C1102 LMK1C1103 LMK1C1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com