Electronic Components Datasheet Search
  English  ▼

X  

LMK1C1104 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMK1C1104
Description  LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK1C1104 Datasheet(HTML) 3 Page - Texas Instruments

  LMK1C1104 Datasheet HTML 1Page - Texas Instruments LMK1C1104 Datasheet HTML 2Page - Texas Instruments LMK1C1104 Datasheet HTML 3Page - Texas Instruments LMK1C1104 Datasheet HTML 4Page - Texas Instruments LMK1C1104 Datasheet HTML 5Page - Texas Instruments LMK1C1104 Datasheet HTML 6Page - Texas Instruments LMK1C1104 Datasheet HTML 7Page - Texas Instruments LMK1C1104 Datasheet HTML 8Page - Texas Instruments LMK1C1104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Device Comparison
Table 5-1. Device Comparison
DEVICE
NUMBER OF OUTPUTS
PACKAGE
LMK1C1102
2
TSSOP (8), 3.00 mm x 4.40 mm
LMK1C1103
3
LMK1C1104
4
LMK1C1106
6
TSSOP (14), 5.00 mm x 4.40 mm
LMK1C1108
8
TSSOP (16), 5.00 mm x 4.40 mm
LMK1C1102
2
WSON (8), 2.00 mm x 2.00 mm
LMK1C1104
4
6 Pin Configuration and Functions
1
CLKIN
8
Y1
2
1G
7
NC
3
Y0
6
VDD
4
GND
5
NC
Not to scale
Figure 6-1. LMK1C1102 PW Package 8-Pin TSSOP
Top View
1
CLKIN
8
Y1
2
1G
7
NC
3
Y0
6
VDD
4
GND
5
NC
Not to scale
1.
The DQF (WSON) package is equivalent to the DFN
package of other vendors.
Figure 6-2. LMK1C1102 DQF Package 8-Pin WSON
Top View
1
CLKIN
8
Y1
2
1G
7
NC
3
Y0
6
VDD
4
GND
5
Y2
Not to scale
Figure 6-3. LMK1C1103 PW Package 8-Pin TSSOP
Top View
1
CLKIN
8
Y1
2
1G
7
Y3
3
Y0
6
VDD
4
GND
5
Y2
Not to scale
Figure 6-4. LMK1C1104 PW Package 8-Pin TSSOP
Top View
1
CLKIN
8
Y1
2
1G
7
Y3
3
Y0
6
VDD
4
GND
5
Y2
Not to scale
1.
The DQF (WSON) package is equivalent to the DFN package of other vendors.
Figure 6-5. LMK1C1104 DQF Package 8-Pin WSON Top View
www.ti.com
LMK1C1102, LMK1C1103, LMK1C1104
SNAS791D – DECEMBER 2019 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMK1C1102 LMK1C1103 LMK1C1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com