Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 40 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 40 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 36Page - Texas Instruments LMKDB1120FS Datasheet HTML 37Page - Texas Instruments LMKDB1120FS Datasheet HTML 38Page - Texas Instruments LMKDB1120FS Datasheet HTML 39Page - Texas Instruments LMKDB1120FS Datasheet HTML 40Page - Texas Instruments LMKDB1120FS Datasheet HTML 41Page - Texas Instruments LMKDB1120FS Datasheet HTML 42Page - Texas Instruments LMKDB1120FS Datasheet HTML 43Page - Texas Instruments LMKDB1120FS Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 95 page
background image
Table 9-4. R1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
CLK_EN_2
R/W
1h
Output Enable for CLK2
0h = Output Disabled (low/low)
1h = Output Enabled
1
CLK_EN_1
R/W
1h
Output Enable for CLK1
0h = Output Disabled (low/low)
1h = Output Enabled
0
CLK_EN_0
R/W
1h
Output Enable for CLK0
0h = Output Disabled (low/low)
1h = Output Enabled
9.1.3 R2 Register (Offset = 2h) [Reset = FFh]
R2 is shown in Table 9-5.
Return to the Summary Table.
Table 9-5. R2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CLK_EN_15
R/W
1h
Output Enable for CLK15
0h = Output Disabled (low/low)
1h = Output Enabled
6
CLK_EN_14
R/W
1h
Output Enable for CLK14
0h = Output Disabled (low/low)
1h = Output Enabled
5
CLK_EN_13
R/W
1h
Output Enable for CLK13
0h = Output Disabled (low/low)
1h = Output Enabled
4
CLK_EN_12
R/W
1h
Output Enable for CLK12
0h = Output Disabled (low/low)
1h = Output Enabled
3
CLK_EN_11
R/W
1h
Output Enable for CLK11
0h = Output Disabled (low/low)
1h = Output Enabled
2
CLK_EN_10
R/W
1h
Output Enable for CLK10
0h = Output Disabled (low/low)
1h = Output Enabled
1
CLK_EN_9
R/W
1h
Output Enable for CLK9
0h = Output Disabled (low/low)
1h = Output Enabled
0
CLK_EN_8
R/W
1h
Output Enable for CLK8
0h = Output Disabled (low/low)
1h = Output Enabled
9.1.4 R3 Register (Offset = 3h) [Reset = 00h]
R3 is shown in Table 9-6.
Return to the Summary Table.
Table 9-6. R3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RB_OEb_12
R
0h
Status of OEb12
6
RB_OEb_11
R
0h
Status of OEb11
5
RB_OEb_10
R
0h
Status of OEb10
4
RB_OEb_9
R
0h
Status of OEb9
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1120, LMKDB1120FS
SNAS855E – NOVEMBER 2023 – REVISED AUGUST 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com