Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 7 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 3Page - Texas Instruments LMKDB1120FS Datasheet HTML 4Page - Texas Instruments LMKDB1120FS Datasheet HTML 5Page - Texas Instruments LMKDB1120FS Datasheet HTML 6Page - Texas Instruments LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments LMKDB1120FS Datasheet HTML 10Page - Texas Instruments LMKDB1120FS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
Table 5-1. LMKDB1120 and LMKDB1120FS Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
vOE16#/NC
B3
I
Active low input to control CLK16. Internal pulldown resistor. This pin can be left no
connect to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
vOE17#/NC
D2
I
Active low input to control CLK17. Internal pulldown resistor. This pin can be left no
connect to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
vOE18#/NC
D11
I
Active low input to control CLK18. Internal pulldown resistor. This pin can be left no
connect to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
vOE19#/NC
J11
I
Active low input to control CLK19. Internal pulldown resistor. This pin can be left no
connect to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
SBI_OUT/NC
C2
O
SBI data output pin/No connect. This pin can be left no connect to match with DB2000QL
pinout.
vPWRGD/PWRDN#
M6
I
Power Good/Power Down Active Low. Multifunctional input pin. Internal pullup resistor.
On the first low-to-high transition, functions as Power Good pin which starts up the device
On the subsequent low/high transitions, functions as Power Down Active Low pin which
controls the device to enter or exit power-down mode.
Low = power-down mode
High = normal operation mode
vSBI_EN
E2
I
SBI Enable. Internal pulldown resistor. Do not change the state of this pin after power-up.
Low at power-up = SBI interface disabled. Pin L8, L10 and E11 function as OE pins. High
at power-up = SBI interface enabled.
Pin L8, L10 and E11 function as SBI interface pins. SMBus and other OE pins remain
functional.
^vSADR1_tri
B8
I
SMBus Address 3-level input pin. Internal pullup and pulldown resistors.
^vSADR0_tri
B4
I
SMBus Address 3-level input pin. Internal pullup and pulldown resistors.
LOS#/NC
G11
O
Loss of Input Clock Signal Active Low/No Connect. Open drain. Requires external pullup
resistor. This pin can be left no connect to match with DB2000QL pinout.
Low = Invalid input clock.
High = Valid input clock.
SMB_DATA
L4
I/O
SMBus Data. Requires external pullup resistor. No connect if unused.
SMB_CLK
L5
I
SMBus Clock. Requires external pullup resistor. No connect if unused.
NC
F2, F11, G2,
L7
NC
No connect.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power, NC = No Connect
(2)
Pins with a "^" prefix have an internal pullup resistor. Pins with a "v" prefix have an internal pulldown resistor. Pins with a "^v" have an
internal pullup resistor and an internal pulldown resistor so that mid level is selected when the pin is left floating. Pins with "^/v" have an
internal pullup or pulldown based on selected function.
(3)
The "#" symbol indicates active low.
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1120, LMKDB1120FS
SNAS855E – NOVEMBER 2023 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com