Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 8 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 4Page - Texas Instruments LMKDB1120FS Datasheet HTML 5Page - Texas Instruments LMKDB1120FS Datasheet HTML 6Page - Texas Instruments LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments LMKDB1120FS Datasheet HTML 10Page - Texas Instruments LMKDB1120FS Datasheet HTML 11Page - Texas Instruments LMKDB1120FS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
1
LOS#
30
vOE4#/SBI_CLK
2
^SLEWRATE_SEL
29
CLK4_N
3
^vSADR1_tri
28
CLK4_P
4
^vSADR0_tri
27
vOE3#
5
SMB_DATA
26
VDDCLK
6
SMB_CLK
25
CLK3_N
7
VDDA
24
CLK3_P
8
CLKIN_P
23
CLK2_N
9
CLKIN_N
22
CLK2_P
10
VDDCLK
21
vOE2#
Not to scale
Thermal Pad (GND)
Figure 5-2. LMKDB1108 and LMKDB1108FS 5mm x 5mm VQFN Package 40 Pin Top View
Legend
CLOCK INPUTS
CLOCK OUTPUTS
POWER
GND
LOGIC CONTROLS / STATUS
NO CONNECT
Table 5-2. LMKDB1108 and LMKDB1108FS Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
CLOCK INPUTS
CLKIN_P
8
I
Differential clock input.
CLKIN_N
9
I
CLOCK OUTPUTS
CLK0_P
15
O
LP-HCSL differential clock output 0. No connect if unused.
CLK0_N
16
O
CLK1_P
17
O
LP-HCSL differential clock output 1. No connect if unused.
CLK1_N
18
O
CLK2_P
22
O
LP-HCSL differential clock output 2. No connect if unused.
CLK2_N
23
O
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1120, LMKDB1120FS
SNAS855E – NOVEMBER 2023 – REVISED AUGUST 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com