Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 9 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 5Page - Texas Instruments LMKDB1120FS Datasheet HTML 6Page - Texas Instruments LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments LMKDB1120FS Datasheet HTML 10Page - Texas Instruments LMKDB1120FS Datasheet HTML 11Page - Texas Instruments LMKDB1120FS Datasheet HTML 12Page - Texas Instruments LMKDB1120FS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
Table 5-2. LMKDB1108 and LMKDB1108FS Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
CLK3_P
24
O
LP-HCSL differential clock output 3. No connect if unused.
CLK3_N
25
O
CLK4_P
28
O
LP-HCSL differential clock output 4. No connect if unused.
CLK4_N
29
O
CLK5_P
31
O
LP-HCSL differential clock output 5. No connect if unused.
CLK5_N
32
O
CLK6_P
35
O
LP-HCSL differential clock output 6. No connect if unused.
CLK6_N
36
O
CLK7_P
38
O
LP-HCSL differential clock output 7. No connect if unused.
CLK7_N
39
O
POWER
VDDA
7
P
Analog power supply. Additional power supply filtering is recommended. See Section 10.3
for details.
VDDCLK
10, 13, 20, 26,
37,
P
Output power supply
Thermal Pad (GND)
Pad
G
Device Ground, Thermal pad.
LOGIC CONTROLS / STATUS
vOE0#/SHFT_LD#
14
I
Active low input to control CLK0 or SBI active low shift register load pin. SBI_EN pin
controls function of this pin. Internal pulldown resistor. OE mode: 0 = Active output, 1 =
Inactive output.
Side-Band Mode: SBI latch register input.
vOE1#/SBI_IN
19
I
Active low input to control CLK1 or SBI data input pin. SBI_EN pin controls function of this
pin. Internal pulldown resistor. OE mode: 0 = Active output, 1 = Inactive output.
Side-Band Mode: SBI data input.
vOE2#
21
I
Active low input to control CLK2. Internal pulldown resistor.
0 = Output Active, 1 = Output Inactive
vOE3#
27
I
Active low input to control CLK3. Internal pulldown resistor.
0 = Output Active, 1 = Output Inactive
vOE4#/SBI_CLK
30
I
Active low input to control CLK4 or SBI clock input pin. SBI_EN pin controls function of this
pin. Internal pulldown resistor. OE mode: 0 = Active output, 1 = Inactive output.
Side-Band Mode: SBI clock input.
vOE5#
33
I
Active low input to control CLK5. Internal pulldown resistor.
0 = Output Active, 1 = Output Inactive
vOE10#/SBI_OUT
34
I or O
Active low input to control CLK6 or SBI data output pin. Internal pulldown resistor. SBI_EN
pin controls function of this pin.
OE mode:0 = Active output, 1 = Inactive output.
SBI Mode: SBI shift register data output.
vOE7#
40
I
Active low input to control CLK7. Internal pulldown resistor.
0 = Output Active, 1 = Output Inactive
vPWRGD/PWRDN#
12
I
Power Good/Power Down Active Low. Multifunctional input pin. Internal pulldown resistor.
On the first low-to-high transition, functions as Power Good pin which starts up the device
On the subsequent low/high transitions, functions as Power Down Active Low pin which
controls the device to enter or exit power-down mode.
Low = power-down mode
High = normal operation mode
vSBI_EN
11
I
SBI Enable. Internal pulldown resistor. Do not change the state of this pin after power-up.
Low at power-up = SBI interface disabled. Pin 20, 32, 48 and 55 function as OE pins.
High at power-up = SBI interface enabled. Pin 20, 32, 48 and 55 function as SBI interface
pins. SMBus and other OE pins remain functional.
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1120, LMKDB1120FS
SNAS855E – NOVEMBER 2023 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com