Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 14 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LOG114_V01 Datasheet HTML 10Page - Texas Instruments LOG114_V01 Datasheet HTML 11Page - Texas Instruments LOG114_V01 Datasheet HTML 12Page - Texas Instruments LOG114_V01 Datasheet HTML 13Page - Texas Instruments LOG114_V01 Datasheet HTML 14Page - Texas Instruments LOG114_V01 Datasheet HTML 15Page - Texas Instruments LOG114_V01 Datasheet HTML 16Page - Texas Instruments LOG114_V01 Datasheet HTML 17Page - Texas Instruments LOG114_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Applications Information
7.1.1 Transfer Function
The ideal transfer function of the LOG114 is:
VLOGOUT=0.375×log I1I2
(1)
This transfer function can be seen graphically in the typical characteristic curve, Figure 5-6.
When a pedestal, or offset voltage (VCOM) is connected to the COM pin, an additional offset term is introduced
into the equation:
VLOGOUT=0.375×log I1I2 +VCOM
(2)
7.1.2 Input Current Range
To maintain specified accuracy, limit the input current range of the LOG114 from 100pA to 3.5mA. Input currents
outside of this range can compromise the LOG114 performance. Input currents larger than 3.5mA result in
increased nonlinearity. An absolute maximum input current rating of 10mA is included to prevent excessive
power dissipation that can damage the input transistor.
7.1.3 Setting the Reference Current
When the LOG114 is used to compute logarithms, either I1 or I2 can be held constant to become the reference
current (IREF) to which the other is compared. As shown in Figure 7-1, I2 is used as IREF and is generated using
the on-chip 2.5V VREF pin.
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com