Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 15 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LOG114_V01 Datasheet HTML 11Page - Texas Instruments LOG114_V01 Datasheet HTML 12Page - Texas Instruments LOG114_V01 Datasheet HTML 13Page - Texas Instruments LOG114_V01 Datasheet HTML 14Page - Texas Instruments LOG114_V01 Datasheet HTML 15Page - Texas Instruments LOG114_V01 Datasheet HTML 16Page - Texas Instruments LOG114_V01 Datasheet HTML 17Page - Texas Instruments LOG114_V01 Datasheet HTML 18Page - Texas Instruments LOG114_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
A
1
+
–
R
1
R
3
A
3
+
–
R
2
R
4
A
2
+
–
I2
I1
V
CM IN
COM
A
4
+
–
V
O4
–IN
4
+IN
4
V+
V
REF GND
I
2
I
1
LOG114
V
LOGOUT
REF
V
REF
A
5
–
+
V
O5
+IN
5
–IN
5
R
5
R
6
V–
R
REF
I
REF
200
200
1.25k
1.25k
Figure 7-1. Example of Setting IREF
It can be difficult to achieve an accurate IREF at lower current values (<20nA). Rather than choosing an IREF
value to be equal to ISIGNAL (min), higher accuracy can be achieved by selecting IREF to be in the center of the full
signal range as shown in Equation 3.
IREF=ISIGNAL min × ISIGNAL max
ISIGNAL min
(3)
For example, for a signal range of 1nA to 1mA, after plugging in the values into Equation 3, IREF = 1μA. It is
much easier and more precise (that is, DC accuracy, temperature stability, and lower noise) to establish a 1μA
DC current level than a 1nA level for the reference current.
The reference current may be derived from a voltage source with one or more resistors. When a single resistor is
used, the value may be large depending on IREF. If IREF is 10nA and 2.5V is used:
RREF=VSOURCEIREF=2.5V10nA=250MΩ
(4)
A voltage divider T-Network circuit can be used to reduce the value of the resistor, as shown in Figure 7-2. When
using this method, consider the possible errors caused by the amplifier input offset voltage. The input offset
voltage of amplifier A1 has a maximum value of 4mV in a ±5V supply system, and a maximum value of 7mV in a
5V supply system. Consider resistor temperature stability and noise contributions, as well.
A
1
+
–
V
OS
R
3
R
1
R
2
I
REF
5V
V
REF = 100mV
Figure 7-2. T-Network for Reference Current
VREF may be an external precision voltage reference, or the on-chip 2.5V voltage reference of the LOG114.
IREF can be derived from an external current source, such as that shown in Figure 7-3.
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com