Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 29 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LOG114_V01 Datasheet HTML 25Page - Texas Instruments LOG114_V01 Datasheet HTML 26Page - Texas Instruments LOG114_V01 Datasheet HTML 27Page - Texas Instruments LOG114_V01 Datasheet HTML 28Page - Texas Instruments LOG114_V01 Datasheet HTML 29Page - Texas Instruments LOG114_V01 Datasheet HTML 30Page - Texas Instruments LOG114_V01 Datasheet HTML 31Page - Texas Instruments LOG114_V01 Datasheet HTML 32Page - Texas Instruments LOG114_V01 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
8.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2007) to Revision B (March 2025)
Page
• Added the Pin Configuration, Specifications, ESD Ratings, Recommended Operating Conditions, Thermal
Information, Detailed Description, Typical Applications, Layout, Layout Guidelines, Device and
Documentation Support, and Mechanical, Packaging, and Orderable Information sections..............................1
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added Pin Functions table..................................................................................................................................3
• Added the CDM ESD rating................................................................................................................................4
• Moved ESD rating from Absolute Maximum Ratings to ESD Rating..................................................................4
• Moved specified temperature and power-supply parameters from Electrical Characteristics to Recommended
Operating Conditions .........................................................................................................................................4
• Deleted thermal resistance, θJA parameters in Electrical Characteristics and replaced with detailed thermal
model parameters in Thermal Information .........................................................................................................4
• Updated formatting of Electrical Characteristics table........................................................................................5
• Changed logarithmic conformity error 1nA to 100µA (5 decades) maximum spec from 0.2% to 0.3% (0.017dB
to 0.026dB) in Electrical Characteristics ............................................................................................................5
• Changed logarithmic conformity error 100pA to 3.5A (7.5 decades) typical spec from 0.9% to 2.2% (0.08dB to
0.19dB) in Electrical Characteristics ..................................................................................................................5
• Changed logarithmic conformity error 100pA to 3.5mA (7.5 decades) (-5°C to 75°C) typical spec from 0.5% to
2.3% in Electrical Characteristics ...................................................................................................................... 5
• Added test condition to current noise in in Electrical Characteristics .................................................................5
• Consolidated BW (10µA to 1mA (ratio 1:100), 1mA to 3.5mA (ratio 1:3.5), and 3.5mA to 10mA (ratio 1:2.9))
into 10µA to 10mA (1:1k) in Electrical Characteristics ...................................................................................... 5
• Deleted 10nA to 10µA (ratio 1:1k) and 10nA to 1mA (ratio 1:100k) step response specifications in Electrical
Characteristics ...................................................................................................................................................5
• Changed step response 8nA to 240nA (Increasing) from 0.7µs to 0.8µs in Electrical Characteristics ............. 5
• Changed step response 8nA to 240nA (Decreasing) from 1µs to 6µs in Electrical Characteristics ..................5
• Changed step response 10nA to 1µA (Increasing) from 0.15µs to 0.25µs in Electrical Characteristics ........... 5
• Changed step response 10nA to 1µA (Decreasing) from 0.25µs to 4µs in Electrical Characteristics ...............5
• Changed logarithmic conformity error 1nA to 100µA (5 decades) maximum spec from 0.25% to 0.3%
(0.022dB to 0.026dB) in Electrical Characteristics ............................................................................................ 7
• Changed logarithmic conformity error 100pA to 3.5A (7.5 decades) typical spec from 0.9% to 2.2% (0.08dB to
0.19dB) in Electrical Characteristics ..................................................................................................................7
• Changed logarithmic conformity error 100pA to 3.5A (7.5 decades) (-5°C to 75°C) typical spec from 0.5% to
2.3% in Electrical Characteristics ...................................................................................................................... 7
• Changed scaling factor error from 0.0.35dB to 0.035dB in Electrical Characteristics ......................................7
• Changed scaling factor error from 0.035% to 1.5% in Electrical Characteristics .............................................. 7
• Added test condition to current noise in in Electrical Characteristics ................................................................7
• Consolidated BW (10µA to 1mA (ratio 1:100), 1mA to 3.5mA (ratio 1:3.5), and 3.5mA to 10mA (ratio 1:2.9))
into 10µA to 10mA (1:1k) in Electrical Characteristics ...................................................................................... 7
• Deleted 10nA to 10µA (ratio 1:1k) and 10nA to 1mA (ratio 1:100k) step response specifications in Electrical
Characteristics ...................................................................................................................................................7
• Changed step response 8nA to 240nA (Increasing) from 0.7µs to 0.8µs in Electrical Characteristics ............. 7
• Changed step response 8nA to 240nA (Decreasing) from 1µs to 6µs in Electrical Characteristics ..................7
• Changed step response 10nA to 100nA (Decreasing) from 2µs to 5µs in Electrical Characteristics ................7
• Changed step response 10nA to 1µA (Increasing) from 0.15µs to 0.25µs in Electrical Characteristics ........... 7
• Changed step response 10nA to 1µA (Decreasing) from 0.25µs to 4µs in Electrical Characteristics ...............7
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com