Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 26 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LOG114_V01 Datasheet HTML 22Page - Texas Instruments LOG114_V01 Datasheet HTML 23Page - Texas Instruments LOG114_V01 Datasheet HTML 24Page - Texas Instruments LOG114_V01 Datasheet HTML 25Page - Texas Instruments LOG114_V01 Datasheet HTML 26Page - Texas Instruments LOG114_V01 Datasheet HTML 27Page - Texas Instruments LOG114_V01 Datasheet HTML 28Page - Texas Instruments LOG114_V01 Datasheet HTML 29Page - Texas Instruments LOG114_V01 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
7.3 Power Supply Recommendations
To reduce the influence of lead inductance of power-supply lines, TI recommends that each supply be bypassed
with a 0.1μF ceramic capacitor. Connect these capacitors as close to the LOG114 supply pins to ground as
possible to improve supply-related noise rejection. A single bypass capacitor from V+ to ground is applicable for
single-supply applications.
7.4 Layout
7.4.1 Layout Guidelines
Attention to good layout practices is always recommended. For best operational performance of the device, use
good printed circuit board (PCB) layout practices, including:
• Make sure that both input paths of the secondary amplifier are symmetrical and well-matched for source
impedance and capacitance to avoid converting common-mode signals into differential signals and thermal
electromotive forces (EMFs).
• Noise can propagate into analog circuitry through the power pins of the device and of the circuit as a whole.
Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the analog
circuitry. Connect low-ESR, 0.1µF X7R ceramic bypass capacitors between each supply pin and ground,
placed as close as possible to the device. A single bypass capacitor from V+ to ground is applicable for
single-supply applications.
• Use a C0G (NP0) ceramic capacitor for the VCM decoupling capacitance and place as close to the VCM pin
as possible.
• For photoelectric-sensing applications, place the photodiode as close as possible to the I1 pin to minimize
parasitic inductance.
• To reduce parasitic coupling, run the input traces as far away as possible from the supply or output traces.
If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than in
parallel with the noisy trace.
• Minimize the number of thermal junctions. Preferably, the signal path is routed within a single layer without
vias, with the traces as short as possible.
• Keep sufficient distance from major thermal energy sources (circuits with high power dissipation). If not
possible, place the device so that the effects of the thermal energy source on the high and low sides of the
differential signal path are evenly matched.
• Solder the thermal pad to the PCB. For the LOG114 to properly dissipate heat and minimize leakage, connect
the thermal pad to a plane or large copper pour that is electrically connected to V–, even for low-power
applications.
– The exposed pad must be soldered to the PCB to provide structural integrity and long-term reliability.
The LOG114 comes in a QFN-16 package. This leadless package has lead contacts on all four sides of the
bottom of the package, thereby maximizing board space. An exposed leadframe die pad on the bottom of the
package enhances thermal and electrical characteristics.
QFN packages are physically small, have a smaller routing area, improved thermal performance, and improved
electrical parasitics. Additionally, the absence of external leads eliminates bent-lead issues.
The QFN package can be easily mounted using standard printed circuit board (PCB) assembly techniques. See
also QFN and SON PCB Attachment application note and Quad Flatpack No− Lead Logic Packages application
note.
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com