Electronic Components Datasheet Search
  English  ▼

X  

LP3853 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3853
Description  LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3853 Datasheet(HTML) 4 Page - Texas Instruments

  LP3853 Datasheet HTML 1Page - Texas Instruments LP3853 Datasheet HTML 2Page - Texas Instruments LP3853 Datasheet HTML 3Page - Texas Instruments LP3853 Datasheet HTML 4Page - Texas Instruments LP3853 Datasheet HTML 5Page - Texas Instruments LP3853 Datasheet HTML 6Page - Texas Instruments LP3853 Datasheet HTML 7Page - Texas Instruments LP3853 Datasheet HTML 8Page - Texas Instruments LP3853 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LP3853, LP3856
SNVS173G – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
LP3853/LP3856
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 10 mA, COUT = 10µF, VSD = 2V.
LP3853/6 (2)
Symbol
Parameter
Conditions
Typ (1)
Units
Min
Max
Output Voltage Tolerance
VOUT +1V ≤ VIN ≤ 7.0V
-1.5
+1.5
VO
0
%
(3)
10 mA
≤ IL ≤ 3A
-3.0
+3.0
Output Voltage Line Regulation
0.02
ΔV OL
VOUT +1V ≤ VIN ≤ 7.0V
%
(3)
0.06
Output Voltage Load Regulation
0.08
ΔVO/ ΔIOUT
10 mA
≤ IL ≤ 3A
%
(3)
0.14
50
IL = 300 mA
39
65
Dropout Voltage
VIN - VOUT
mV
(4)
450
IL = 3A
390
600
9
IL = 300 mA
4
10
Ground Pin Current In Normal
IGND
mA
Operation Mode
9
IL = 3A
4
10
VSD ≤ 0.3V
0.01
10
Ground Pin Current In Shutdown
IGND
µA
Mode
-40°C
≤ TJ ≤ 85°C
50
IO(PK)
Peak Output Current
VO ≥ VO(NOM) - 4%
4.5
A
Short Circuit Protection
ISC
Short Circuit Current
6
A
Shutdown Input
VSDT Rising from 0.3V until
1.3
2
Output = ON
VSDT
Shutdown Threshold
V
VSDT Falling from 2.0V until
1.3
0.3
Output = OFF
TdOFF
Turn-off delay
IL = 3A
20
µs
TdON
Turn-on delay
IL = 3A
25
µs
ISD
SD Input Current
VSD = VIN
1
nA
Error Flag
VT
Threshold
(5)
10
5
16
%
VTH
Threshold Hysteresis
(5)
5
2
8
%
VEF(Sat)
Error Flag Saturation
Isink = 100µA
0.02
0.1
V
Td
Flag Reset Delay
1
µs
Ilk
Error Flag Pin Leakage Current
1
nA
Imax
Error Flag Pin Sink Current
VError = 0.5V
1
mA
(1)
Typical numbers are at 25°C and represent the most likely parametric norm.
(2)
Limits are ensured by testing, design, or statistical correlation.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current. The line
and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the
output voltage tolerance specification.
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the drop-out voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5V.
(5)
Error Flag threshold and hysteresis are specified as percentage of regulated output voltage. See Application Hints.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3853 LP3856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com