Electronic Components Datasheet Search
  English  ▼

X  

LP3853 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3853
Description  LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3853 Datasheet(HTML) 1 Page - Texas Instruments

  LP3853 Datasheet HTML 1Page - Texas Instruments LP3853 Datasheet HTML 2Page - Texas Instruments LP3853 Datasheet HTML 3Page - Texas Instruments LP3853 Datasheet HTML 4Page - Texas Instruments LP3853 Datasheet HTML 5Page - Texas Instruments LP3853 Datasheet HTML 6Page - Texas Instruments LP3853 Datasheet HTML 7Page - Texas Instruments LP3853 Datasheet HTML 8Page - Texas Instruments LP3853 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
VOUT
VIN
GND
LP3856-1.8
COUT*
10 PF
CIN*
INPUT
VOUT
10 PF
SD
SD
**
SENSE
1.8V, 3.0A
3.3V ± 10%
* TANTALUM OR
CERAMIC
VOUT
VIN
GND
LP3853-1.8
COUT*
10 PF
CIN*
INPUT
VOUT
10 PF
ERROR
**
SD
SD
**
ERROR
1.8V, 3.0A
3.3V ± 10%
* TANTALUM OR
CERAMIC
LP3853, LP3856
www.ti.com
SNVS173G – FEBRUARY 2003 – REVISED APRIL 2013
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
Check for Samples: LP3853, LP3856
1
FEATURES
DESCRIPTION
The LP3853/LP3856 series of fast ultra low-dropout
2
•
Ultra Low Dropout Voltage
linear regulators operate from a +2.5V to +7.0V input
•
Stable with Selected Ceramic Capacitors
supply. Wide range of preset output voltage options
•
Low Ground Pin Current
are
available.
These
ultra
low
dropout
linear
regulators respond very quickly to step changes in
•
Load Regulation of 0.08%
load, which makes them suitable for low voltage
•
10nA Quiescent Current in Shutdown Mode
microprocessor applications. The LP3853/LP3856 are
•
Ensured Output Current of 3A DC
developed on a CMOS process which allows low
quiescent current operation independent of output
•
Available in TO-263 and TO-220 Packages
load current. This CMOS process also allows the
•
Output Voltage Accuracy ± 1.5%
LP3853/LP3856 to operate under extremely low
•
Error Flag Indicates Output Status
dropout conditions.
•
Sense Option Improves Load Regulation
Dropout Voltage: Ultra low dropout voltage; typically
•
Overtemperature/overcurrent Protection
39mV at 300mA load current and 390mV at 3A load
current.
•
−40°C to +125°C Junction Temperature Range
Ground Pin Current: Typically 4mA at 3A load
APPLICATIONS
current.
•
Microprocessor Power Supplies
Shutdown Mode: Typically 10nA quiescent current
•
Stable with Ceramic Output Capacitors
when the shutdown pin is pulled low.
•
GTL, GTL+, BTL, and SSTL Bus Terminators
Error Flag:Error flag goes low when the output
voltage drops 10% below nominal value.
•
Power Supplies for DSPs
•
SCSI Terminator
SENSE: Sense pin improves regulation at remote
loads.
•
Post Regulators
•
High Efficiency Linear Regulators
Precision Output Voltage: Multiple output voltage
options are available ranging from 1.8V to 5.0V with a
•
Battery Chargers
ensured accuracy of ±1.5% at room temperature, and
•
Other Battery Powered Applications
±3.0% over all conditions (varying line, load, and
temperature).
Typical Application Circuits
**SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this
function is not used. See Application Hints for more information.
**SD pin must be pulled high through a 10k
Ω pull-up resistor. See Application Hints for more information.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3853ES-1.8 NSC-LP3853ES-1.8 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ES-1.8 TI1-LP3853ES-1.8 Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3853ES-1.8/NOPB TI1-LP3853ES-1.8/NOPB Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3853ES-2.5 NSC-LP3853ES-2.5 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ET-33 TI1-LP3853ET-33 Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com