Electronic Components Datasheet Search
  English  ▼

X  

LP3853 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3853
Description  LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3853 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3853 Datasheet HTML 6Page - Texas Instruments LP3853 Datasheet HTML 7Page - Texas Instruments LP3853 Datasheet HTML 8Page - Texas Instruments LP3853 Datasheet HTML 9Page - Texas Instruments LP3853 Datasheet HTML 10Page - Texas Instruments LP3853 Datasheet HTML 11Page - Texas Instruments LP3853 Datasheet HTML 12Page - Texas Instruments LP3853 Datasheet HTML 13Page - Texas Instruments LP3853 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LOAD CURRENT (A)
STABLE REGION
COUT > 10PF
0
1
2
3
.001
.01
0.1
1.0
10
LP3853, LP3856
SNVS173G – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
Application Hints
EXTERNAL CAPACITORS
Like any low-dropout regulator, external capacitors are required to assure stability. These capacitors must be
correctly selected for proper performance.
INPUT CAPACITOR: An input capacitor of at least 10µF is required. Ceramic or Tantalum may be used, and
capacitance may be increased without limit
OUTPUT CAPACITOR: An output capacitor is required for loop stability. It must be located less than 1 cm from
the device and connected directly to the output and ground pins using traces which have no other currents
flowing through them (see PCB Layout section).
The minimum amount of output capacitance that can be used for stable operation is 10µF. For general usage
across all load currents and operating conditions, the part was characterized using a 10µF Tantalum input
capacitor. The minimum and maximum stable ESR range for the output capacitor was then measured which kept
the device stable, assuming any output capacitor whose value is greater than 10µF (see Figure 28 below).
Figure 28. ESR Curve for COUT (with 10µF Tantalum Input Capacitor)
It should be noted that it is possible to operate the part with an output capacitor whose ESR is below these limits,
assuming that sufficient ceramic input capacitance is provided. This will allow stable operation using ceramic
output capacitors (see next section).
OPERATION WITH CERAMIC OUTPUT CAPACITORS
LP385X voltage regulators can operate with ceramic output capacitors if the values of input and output
capacitors are selected appropriately. The total ceramic output capacitance must be equal to or less than a
specified maximum value in order for the regulator to remain stable over all operating conditions. This maximum
amount of ceramic output capacitance is dependent upon the amount of ceramic input capacitance used as well
as the load current of the application. This relationship is shown in Figure 29, which graphs the maximum stable
value of ceramic output capacitance as a function of ceramic input capacitance for load currents of 1A, 2A, and
3A. For example, if the maximum load current is 1A, a 10µF ceramic input capacitor will allow stable operation
for values of ceramic output capacitance from 10µF up to about 500µF.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3853 LP3856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com