Electronic Components Datasheet Search
  English  ▼

X  

LP3853 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3853
Description  LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3853 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3853 Datasheet HTML 10Page - Texas Instruments LP3853 Datasheet HTML 11Page - Texas Instruments LP3853 Datasheet HTML 12Page - Texas Instruments LP3853 Datasheet HTML 13Page - Texas Instruments LP3853 Datasheet HTML 14Page - Texas Instruments LP3853 Datasheet HTML 15Page - Texas Instruments LP3853 Datasheet HTML 16Page - Texas Instruments LP3853 Datasheet HTML 17Page - Texas Instruments LP3853 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LP3853, LP3856
SNVS173G – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
Figure 30. Error Flag Operation
SENSE PIN
In applications where the regulator output is not very close to the load, LP3856 can provide better remote load
regulation using the SENSE pin. Figure 31 depicts the advantage of the SENSE option. LP3853 regulates the
voltage at the output pin. Hence, the voltage at the remote load will be the regulator output voltage minus the
drop across the trace resistance. For example, in the case of a 3.3V output, if the trace resistance is 100m
Ω, the
voltage at the remote load will be 3V with 3A of load current, ILOAD. The LP3856 regulates the voltage at the
sense pin. Connecting the sense pin to the remote load will provide regulation at the remote load, as shown in
Figure 31. If the sense option pin is not required, the sense pin must be connected to the VOUT pin.
Figure 31. Improving remote load regulation using LP3856
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3853 LP3856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com